Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 27 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 27 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 28Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 27
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Thermal Characteristics
The VSC880 is packaged in a thermally enhanced 31mm 304TBGA with an embedded heat sink. The heat sink
surface configurations are shown in the package drawings. With natural convection, the junction to case thermal
resistance is estimated to be 0.45oC/W. The approximate air flow versus thermal resistance relationship is shown in
Table 12.3. Note: The VSC880 is not guaranteed to operate under cold start conditions. If the ambient temperature is
0oC, 15 seconds after power is applied, the case temperature will be at least 30oC, at which point it will be at thermal
equilibrium and ready for operation.
Table 8: Theta Junction-to-Ambient versus Air Velocity
Ordering Information
The order number for this product is formed by a combination of the device number and package type.
Air Velocity
(LFPM)
Junction-to-Ambient Thermal Resistance
(
oC/W)
Low Conductivity
2-Layer Board
High Conductivity
4-Layer Board
0
17.5
13.0
100
15.0
11.0
200
13.0
10.0
400
11.0
9.0
600
10.0
8.0
High Performance 16x16
VSC880 xx
Device Type
Package
TY: 304 BGA
Extended Commerical Temperature: 0°C ambient to +85°C case
Serial Crosspoint Switch
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. All information in this document, includ-
ing descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Noth-
ing contained in this document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be
available as described or will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com