Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 11
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 4: Switch Configuration Interface Functional Timing (CEN=0)
The switch configuration data for each port is as follows:
F0[3:0] = FI[port9], FI[port8], FI[port1], FI[port0]
F1[3:0] = FI[port11], FI[port10], FI[port3], FI[port2]
F2[3:0] = FI[port13], FI[port12], FI[port5], FI[port4]
F3[3:0] = FI[port15], FI[port14], FI[port7], FI[port6]
C0[15:0] = Port9[3:0], Port8[3:0], Port1[3:0], Port0[3:0]
C1[15:0] = Port11[3:0], Port10[3:0], Port3[3:0], Port2[3:0]
C2[15:0] = Port13[3:0], Port12[3:0], Port5[3:0], Port4[3:0]
C3[15:0] = Port15[3:0], Port14[3:0], Port7[3:0], Port6[3:0]
Where FI[portN] is the Force IDLE bit for port N and PortN[3:0] is the input port number to be connected to output
port N.
1.7 Built-in Self-Test
The switch has built-in self-test logic that can be used to verify the high-speed circuitry as well as the switch
matrix while operating at full speed. The built-in self-test mode is enabled by setting the built-in self-test enable
(BSTEN) signal HIGH. If the signal BSTLPBK is set HIGH and TESTEN is set LOW, it loops all 16 serial outputs
back to the Data Recovery Unit (DRU) at the serial inputs. An internal Pseudo Random Bit Sequence (PRBS)
generator connected to the switch matrix at port 0. The random data is sent to port 0, passed through the switch
matrix, looped back through the serial interface and returned to the data comparator. If this data matches the correct
pattern, BSTPASS is set HIGH. By configuring port 0 to connect to other ports (ports 1 through 15) through the
switch matrix using the parallel configuration interface, the rest of the serial channels (one port at a time) can be
tested in turn. For example, port 0 can be connected to port 1 by configuring the switch matrix. The PRBS generator
transmits the random data through port 0 to port 1, and the random data is then looped back from port 1 to port 0 and
the data comparator. To test all 16 ports, the user will need to configure the switch matrix 16 times to test all ports.
REFCLK
DATA[15:0]
WEN
C0
C1
C3
C2
Switch updated in this cycle
FI[3:0]
F0
F1
F3
F2
CCLK
Min. of 5 Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com