Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 20Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
Page 16
G52191-0, Rev 4.2
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 7: Packet Transmission Format from Transceiver
2.4 Arbitration
In Packet Mode, if multiple inputs request a connection to the same output, arbitration is performed. Connection
requests come into the switch chip on each word clock, and the arbitration process takes two word clock cycles.
Arbitration is round-robin with the last connection to an output getting the lowest priority for that output. For
multicast, if BRK is LOW, arbitration will only be performed on the requested connections that are not currently
granted. If a port is in the out of synch state, any connection request to this port will be always granted.
In order to improve bandwidth utilization, a system wide mode of operation can be used where the switch matrix
reconfiguration time is delayed D word clocks after the time arbitration results are determined. This allows the user
logic to receive arbitration results ahead of time so the port cards do not have to block data while waiting for these
results. If the CRQ word is inserted into the current data packet D words before the end of the packet, arbitration
results will be known at the port card just as the first word of the next data packet is ready for transmission, thus
improving bandwidth utilization. The number D is selected based on the round trip delay from the time the port
submits a CRQ until an ACK is received and the FIFO is ready to send a data word. This value of D is a system wide
value and must be used by all port cards. D should be set to a maximum value equal to the round trip delay (typically
8 word clocks).
For Multi Queue connection requests from the transceiver (ARB = 1), the switch chip performs two levels of
arbitration during two word clock cycles. The first level determines which of the requested outputs are available and
holds these outputs. The second level chooses one winner from the available outputs then releases the rest. Because
outputs can be blocked during the first level of arbitration, all Muti Queue CRQ commands are held at the switch chip
and continue to request outputs until a connection is granted or a header word is detected. If a header word is detected
at the transceiver, a repeated sequence of CRQ words is sent to the switch until a connection is granted. The port
number of the granted output is returned to the port card using the two overhead bits (see VSC870 data sheet).
00
CRQ
11
Header
BB
D0
BB
D1
BB
DN
BB
D0
Example 1:
Start of Packet
End of Packet
11
BB
D0
BB
DN
00
CRQ
11
BB
D0
Example 2:
Start of Packet
End of Packet
BB
D(N-D)
D words before EOP
CRQ
CRQ
11
Header
Header
Header
CRQ
00
CRQ
00
IDLEs
IDLEs
00
00
Zero or more IDLEs
Zero or more IDLEs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com