Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 23Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 19
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
3.4 Transmitter Operation
If CMODE is HIGH and the force IDLE register is set LOW, the transmitter sends data words from the switch
fabric. If the force IDLE register is set HIGH, IDLE words are transmitted. At the end of the cell clock period, bits
B[1:0] in all IDLE words are set to 11 to embed the cell clock marker. For data words, user defined overhead bits are
passed on to the destination as is.
3.5 Delaying The Cell Clock
If out-of-band messaging is used between the port cards and the switch card, there will be a phase offset between
the cell clock (CCLK) on the switch card, and the transmit cell clock (RTM/TCLK) on the port card. A cell clock
delay value can be programmed into the control register CDEL[3:0] to set the time the switch is configured after
receiving a cell clock. This adds 1-14 word clocks worth of delay between CCLK input to the switch chip and the cell
clock sent to the transceivers from the switch chip. In this way, the transmit cell clock (RTM/TCLK) on the
transceivers can be aligned to the cell clock at the switch chip (CCLK). For a typical system design where the
transceiver is less then 20” from the switch chip, the default value of 5 can be used. See Application Note 32 for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com