Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 14 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 14 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 18Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
Page 14
G52191-0, Rev 4.2
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Where:
A[1:0]11=to switch chip, 00=from switch chip
B[1:0]00=Undefined,
01=Flow control channel,
10=Flow control channel,
11=Acknowledge to transceiver
D[19:0]20 bit data payload
2.2.2 CRQ Word Format on the Serial Data Lines to the Switch
The CRQ command word format as seen at the output of the transceiver is shown below. Two overhead bits are
added by the transceiver to designate a CRQ word to the receiving switch chip. The signal ARB, AOA and BRK are
used to control modes of operation in the switch chip. The serial data is transmitted with the MSB first.
Where:
B[1:0]00=Undefined,
01=Flow control channel,
10=Flow control channel,
11=Undefined
ARB1=Multi Queue arbitration
AOA1=Acknowledge on all connections granted, 0=Acknowledge on any connections granted
BRK 1=Break previous connection, 0=Do not break previous connection
C[0:15] Connection request bit map. Set bit high for each output requested
D[3:0] User defined data sent by transmitting port card
2.2.3 CRQ Word Format on the Serial Data Line From the Switch
The CRQ command word format as seen at the output of the switch chip is shown below. Two overhead bits are
added by the switch chip to designate a command word (00) to the transceiver. This word is sent on to the receiving
port card when an ACK is sent to the transmitting port card. The command word contains the current active
connections for this input in the switch chip. The serial data is transmitted with the MSB first.
33 32
31 30 29 28
27 26 25 24
23 22 21 20
19 18 17 16
15 14 13 12
11 10 09 08
07 06 05 04
03 02 01 00
A A
1 0
0 B B 1
1
0
0 1 1 0
D D D D
19 18 17 16
D D D D
15 14 13 12
D D D D
11 10 09 08
D D D D
07 06 05 04
D D D D
03 02 01 00
1 0 1 0
--------------- Data Payload ----------------
33 32
31 30 29 28 27
26 25 24
23 22 21 20
19 18 17 16
15 14 13 12
11 10 09 08
07 06 05 04
03 02 01 00
0 0
0 B B 1 0
1 0
A A B
R O R
C C C C
00 01 02 03
C C C C
04 05 06 07
C C C C
08 09 10 11
C C C C
12 13 14 15
D D D D
03 02 01 00
1 0 1 0
B A K
------ Connection Bits ------
--Data--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com