Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 23 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 23 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 27Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 23
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Absolute Maximum Ratings(1)
Power Supply Voltage (VDD) Potential to GND.................................................................................-0.5V to +4V
Power Supply Voltage (VMM) Potential to GND ................................................................................-0.5V to +4V
DC Input Voltage (LVDS inputs) .......................................................................................... -0.5V to VDD + 1.0V
DC Input Voltage (TTL inputs) ......................................................................................................... -0.5V to 5.5V
DC Input Voltage (TTL inputs for CDATA[7:0]).................................................................. -0.5V to VDD + 1.0V
DC Output Voltage (TTL outputs) ........................................................................................ -0.5V to VDD + 1.0V
Output Current (TTL outputs) .................................................................................................................. +/-50mA
Output Current (LVDS outputs) ................................................................................................................+/-50mA
Case Temperature Under Bias ...................................................................................................... -55oC to +125oC
Storage Temperature..................................................................................................................... -65oC to +150oC
NOTE: (1) Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing
permanent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Power Supply Voltage (VDD)................................................................................................................. +3.3V
%
Power Supply Voltage (VMM) .............................................................................................. (+2.0V to +2.5V)
%
Extended Commercial Operating Temperature Range(1) (T) ...............................................................0oC to 85oC
NOTE: (1) Lower limit of specification is ambient temperature and upper limit is case temperature.
5
±
5
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com