Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 3 Page - NXP Semiconductors

  98ASH70029A Datasheet HTML 1Page - NXP Semiconductors 98ASH70029A Datasheet HTML 2Page - NXP Semiconductors 98ASH70029A Datasheet HTML 3Page - NXP Semiconductors 98ASH70029A Datasheet HTML 4Page - NXP Semiconductors 98ASH70029A Datasheet HTML 5Page - NXP Semiconductors 98ASH70029A Datasheet HTML 6Page - NXP Semiconductors 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Overview
1.1 MC56F826xx Product Family
The following table is the comparsion of features among members of the family.
Table 1. MC56F826xx Family
Feature
MC56F82
Part Number
646VLF
643VLC
623VLC
Core frequency (MHz)
100/50
100/50
100/50
Flash memory (KB)
64
64
32
RAM (KB)
8
8
8
Interrupt Controller
Yes
Yes
Yes
Windowed Computer Operating Properly (WCOP)
1
1
1
External Watchdog Monitor (EWM)
1
1
1
Periodic Interrupt Timer (PIT)
2
2
2
Cyclic Redundancy Check (CRC)
1
1
1
Quad Timer (TMR)
1x4
1x4
1x4
12-bit Cyclic ADC channels
2x5
2x3
2x3
PWM Module:
Input capture channels1
6
6
6
Standard channels
6
6
6
DMA
Yes
Yes
Yes
Analog Comparators (CMP)
4
3
3
QSCI
2
1
1
GPIO
39
26
26
Package pin count
48 LQFP
32 LQFP
32 LQFP
1. Input capture shares the pin with cooresponding PWM channels.
1.2 56800EX 32-bit Digital Signal Controller (DSC) core
• Efficient 32-bit 56800EX Digital Signal Processor (DSP) engine with modified dual
Harvard architecture:
• Three internal address buses
• Four internal data buses: two 32-bit primary buses, one 16-bit secondary data
bus, and one 16-bit instruction bus
• 32-bit data accesses
1
Overview
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com