Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 5Page - NXP Semiconductors 98ASH70029A Datasheet HTML 6Page - NXP Semiconductors 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors 98ASH70029A Datasheet HTML 10Page - NXP Semiconductors 98ASH70029A Datasheet HTML 11Page - NXP Semiconductors 98ASH70029A Datasheet HTML 12Page - NXP Semiconductors 98ASH70029A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
• Causes loss of reference reset 128 cycles after loss of reference clock to the PLL is
detected
• Selectable reference clock source in support of EN60730 and IEC61508
• Selectable clock sources:
• External crystal oscillator/external clock source
• On-chip low-power 200 kHz oscillator
• System bus (IPBus up to 50 MHz)
• 8 MHz / 400 kHz ROSC
• Support for interrupt triggered when the counter reaches the timeout value
1.6.9 External Watchdog Monitor (EWM)
• Monitors external circuit as well as the software flow
• Programmable timeout period
• Interrupt capability prior to timeout
• Independent output (EWM_OUT_b) that places external circuit (but not CPU and
peripheral) in a safe mode when EWM timeout occurs
• Selectable reference clock source in support of EN60730 and IEC61508
• Wait mode and Stop mode operation is not supported.
• Selectable clock sources:
• External crystal oscillator/external clock source
• On-chip low-power 200 kHz oscillator
• System bus (IPBus up to 50 MHz)
• 8 MHz / 400 kHz ROSC
1.6.10 Power supervisor
• Power-on reset (POR) is released after VDD > 2.7 V during supply is ramped up;
CPU, peripherals, and JTAG/EOnCE controllers exit RESET state
• Brownout reset (VDD < 2.0 V)
• Critical warn low-voltage interrupt (LVI 2.2 V)
• Peripheral low-voltage warning interrupt (LVI 2.7 V)
1.6.11 Phase-locked loop
• Wide programmable output frequency: 200 MHz to 400 MHz
• Input reference clock frequency: 8 MHz to 16 MHz
• Detection of loss of lock and loss of reference clock
• Ability to power down
Peripheral highlights
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com