Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 40 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 36Page - NXP Semiconductors 98ASH70029A Datasheet HTML 37Page - NXP Semiconductors 98ASH70029A Datasheet HTML 38Page - NXP Semiconductors 98ASH70029A Datasheet HTML 39Page - NXP Semiconductors 98ASH70029A Datasheet HTML 40Page - NXP Semiconductors 98ASH70029A Datasheet HTML 41Page - NXP Semiconductors 98ASH70029A Datasheet HTML 42Page - NXP Semiconductors 98ASH70029A Datasheet HTML 43Page - NXP Semiconductors 98ASH70029A Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Table 20. Phase-Locked Loop timing (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Allowed Duty Cycle of input reference
tdc
40
50
60
%
1. An externally supplied reference clock should be as free as possible from any phase jitter for the PLL to work correctly.
The PLL is optimized for 8 MHz input.
2. The frequency of the core system clock cannot exceed 100 MHz.
3. This is the time required after the PLL is enabled to ensure reliable operation.
8.3.3 External crystal or resonator requirement
Table 21. Crystal or resonator requirement
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency of operation
fXOSC
4
8
16
MHz
8.3.4 Relaxation Oscillator Timing
Table 22. Relaxation Oscillator Electrical Specifications
Characteristic
Symbol
Min
Typ
Max
Unit
8 MHz Output Frequency1
Run Mode
0°C to 105°C
7.84
8
8.16
MHz
-40°C to 105°C
7.76
8
8.24
MHz
Standby Mode (IRC
trimmed @ 8 MHz)
-40°C to 105°C
—
405
—
kHz
8 MHz Frequency Variation over 25°C
RUN Mode
0°C to 105°C
+/-1.5
+/-2
%
-40°C to 105°C
+/-1.5
+/-3
%
200 kHz Output Frequency1
RUN Mode
-40°C to 105°C
194
200
206
%
200 kHz Output Frequency Variation over 25°C
RUN Mode
0°C to 85°C
+/-1.5
+/-2
%
-40°C to 105°C
+/-1.5
+/-3
%
Stabilization Time
8 MHz output2
tstab
0.12
µs
200 kHz output3
10
µs
Output Duty Cycle
48
50
52
%
1. Frequency after factory trim
2. Standby to run mode transition
3. Power down to run mode transition
System modules
MC56F826xx, Rev. 0, 08/2018
40
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com