Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 35Page - NXP Semiconductors 98ASH70029A Datasheet HTML 36Page - NXP Semiconductors 98ASH70029A Datasheet HTML 37Page - NXP Semiconductors 98ASH70029A Datasheet HTML 38Page - NXP Semiconductors 98ASH70029A Datasheet HTML 39Page - NXP Semiconductors 98ASH70029A Datasheet HTML 40Page - NXP Semiconductors 98ASH70029A Datasheet HTML 41Page - NXP Semiconductors 98ASH70029A Datasheet HTML 42Page - NXP Semiconductors 98ASH70029A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Table 18. Bandgap electrical specifications
Characteristic
Symbol
Min
Typ
Max
Unit
Reference Voltage (after trim)
VREF
—
1.21
—
V
8.3 Clock modules
8.3.1 External clock operation timing
Parameters listed are guaranteed by design.
Table 19. External clock operation timing requirements
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency of operation (external clock driver)1
fosc
—
—
50
MHz
Clock pulse width2
tPW
8
ns
External clock input rise time3
trise
—
—
1
ns
External clock input fall time4
tfall
—
—
1
ns
Input high voltage overdrive by an external clock
Vih
0.85VDD
—
—
V
Input low voltage overdrive by an external clock
Vil
—
—
0.3VDD
V
1. See Figure 1 for detail on using the recommended connection of an external clock driver.
2. The chip may not function if the high or low pulse width is smaller than 6.25 ns.
3. External clock input rise time is measured from 10% to 90%.
4. External clock input fall time is measured from 90% to 10%.
90%
50%
10%
90%
50%
10%
External
Clock
tPW
tPW
tfall
trise
VIL
VIH
Note: The midpoint is VIL + (VIH – VIL)/2.
Figure 8. External clock timing
8.3.2 Phase-Locked Loop timing
Table 20. Phase-Locked Loop timing
Characteristic
Symbol
Min
Typ
Max
Unit
PLL input reference frequency1
fref
8
8
16
MHz
PLL output frequency2
fop
200
—
400
MHz
PLL lock time3
tplls
35.5
73.2
µs
Table continues on the next page...
System modules
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com