Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 3Page - NXP Semiconductors 98ASH70029A Datasheet HTML 4Page - NXP Semiconductors 98ASH70029A Datasheet HTML 5Page - NXP Semiconductors 98ASH70029A Datasheet HTML 6Page - NXP Semiconductors 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors 98ASH70029A Datasheet HTML 10Page - NXP Semiconductors 98ASH70029A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
• Maximum ADC clock frequency up to 10 MHz, having period as low as 100-ns
• Single conversion time of 10 ADC clock cycles
• Additional conversion time of 8 ADC clock cycles
• Support of analog inputs for single-ended and differential, including unipolar
differential, conversions
• Sequential, parallel, and independent scan mode
• First 8 samples have offset, limit and zero-crossing calculation supported
• ADC conversions can be synchronized by any module connected to the internal
crossbar module, such as PWM, timer, GPIO, and comparator modules.
• Support for simultaneous triggering and software-triggering conversions
• Support for a multi-triggering mode with a programmable number of conversions on
each trigger
• Each ADC has ability to scan and store up to 8 conversion results.
• Current injection protection
1.6.3 Periodic Interrupt Timer (PIT) Modules
• 16-bit counter with programmable count modulo
• PIT0 is master and PIT1 is slave (if synchronizing both PITs)
• The output signals of both PIT0 and PIT1 are internally connected to a peripheral
crossbar module
• Can run when the CPU is in Wait/Stop modes. Can also wake up the CPU from
Wait/Stop modes.
• In addition to its existing bus clock (up to 50 MHz), 3 alternate clock sources for the
counter clock are available:
• Crystal oscillator output
• 8 MHz / 400 kHz ROSC (relaxation oscillator output)
• On-chip low-power 200 kHz oscillator
1.6.4 Inter-Module Crossbar and AND-OR-INVERT logic
• Provides generalized connections between and among on-chip peripherals: ADCs,
comparators, quad-timers, FlexPWMs, EWM, and select I/O pins
• User-defined input/output pins for all modules connected to the crossbar
• DMA request and interrupt generation from the crossbar
• Write-once protection for all registers
• AND-OR-INVERT function provides a universal Boolean function generator that
uses a four-term sum-of-products expression, with each product term containing true
or complement values of the four selected inputs (A, B, C, D).
Peripheral highlights
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com