Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 4Page - NXP Semiconductors 98ASH70029A Datasheet HTML 5Page - NXP Semiconductors 98ASH70029A Datasheet HTML 6Page - NXP Semiconductors 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors 98ASH70029A Datasheet HTML 10Page - NXP Semiconductors 98ASH70029A Datasheet HTML 11Page - NXP Semiconductors 98ASH70029A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
1.6.5 Comparator
• Full rail-to-rail comparison range
• Support for high and low speed modes
• Selectable input source includes external pins and internal DACs
• Programmable output polarity
• 6-bit programmable DAC as a voltage reference per comparator
• Three programmable hysteresis levels
• Selectable interrupt on rising-edge, falling-edge, or toggle of a comparator output
1.6.6 Quad Timer
• Four 16-bit up/down counters, with a programmable prescaler for each counter
• Operation modes: edge count, gated count, signed count, capture, compare, PWM,
signal shot, single pulse, pulse string, cascaded, quadrature decode
• Programmable input filter
• Counting start can be synchronized across counters
• Up to 100 MHz operation clock
1.6.7 Queued Serial Communications Interface (QSCI) modules
• Operating clock can be up to two times the CPU operating frequency
• Four-word-deep FIFOs available on both transmit and receive buffers
• Standard mark/space non-return-to-zero (NRZ) format
• 16-bit integer and 3-bit fractional baud rate selection
• Full-duplex or single-wire operation
• Programmable 8-bit or 9-bit data format
• Error detection capability
• Two receiver wakeup methods:
• Idle line
• Address mark
• 1/16 bit-time noise detection
• Up to 6.25 Mbit/s baud rate at 100 MHz operation clock
1.6.8 Windowed Computer Operating Properly (COP) watchdog
• Programmable windowed timeout period
• Support for operation in all power modes: run mode, wait mode, stop mode
Peripheral highlights
MC56F826xx, Rev. 0, 08/2018
8
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com