Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 45Page - NXP Semiconductors 98ASH70029A Datasheet HTML 46Page - NXP Semiconductors 98ASH70029A Datasheet HTML 47Page - NXP Semiconductors 98ASH70029A Datasheet HTML 48Page - NXP Semiconductors 98ASH70029A Datasheet HTML 49Page - NXP Semiconductors 98ASH70029A Datasheet HTML 50Page - NXP Semiconductors 98ASH70029A Datasheet HTML 51Page - NXP Semiconductors 98ASH70029A Datasheet HTML 52Page - NXP Semiconductors 98ASH70029A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
POUT
POUTHL
POUTHL
PIN
PINHL
PINHL
Timer Inputs
Timer Outputs
Figure 13. Timer timing
8.7 Communication interfaces
8.7.1 Queued Serial Communication Interface (SCI) timing
Parameters listed are guaranteed by design.
Table 30. SCI timing
Characteristic
Symbol
Min
Max
Unit
See Figure
Baud rate1
BR
—
(fMAX/16)
Mbit/s
—
RXD pulse width
RXDPW
0.965/BR
1.04/BR
μs
Figure 14
TXD pulse width
TXDPW
0.965/BR
1.04/BR
μs
Figure 15
LIN Slave Mode
Deviation of slave node clock from nominal
clock rate before synchronization
FTOL_UNSYNCH
-14
14
%
—
Deviation of slave node clock relative to
the master node clock after
synchronization
FTOL_SYNCH
-2
2
%
—
Minimum break character length
TBREAK
13
—
Master
node bit
periods
—
11
—
Slave node
bit periods
—
1. fMAX is the frequency of operation of the SCI clock in MHz, which can be selected as the bus clock (max.50 MHz
depending on part number) or 2x bus clock (max. 100 MHz) for the devices.
RXDPW
RXD
SCI receive
data pin
(Input)
Figure 14. RXD pulse width
Timer
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com