Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors 98ASH70029A Datasheet HTML 10Page - NXP Semiconductors 98ASH70029A Datasheet HTML 11Page - NXP Semiconductors 98ASH70029A Datasheet HTML 12Page - NXP Semiconductors 98ASH70029A Datasheet HTML 13Page - NXP Semiconductors 98ASH70029A Datasheet HTML 14Page - NXP Semiconductors 98ASH70029A Datasheet HTML 15Page - NXP Semiconductors 98ASH70029A Datasheet HTML 16Page - NXP Semiconductors 98ASH70029A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
2 MC56F826xx signal and pin descriptions
After reset, each pin is configured for its primary function (listed first). Any alternative
functionality, shown in parentheses, must be programmed through the GPIO module
peripheral enable registers (GPIOx_PER) and the SIM module GPIO peripheral select
(GPSx) registers. All GPIO ports can be individually programmed as an input or output
(using bit manipulation).
• PWMA_FAULT0, PWMA_FAULT1, and similar signals are inputs used to disable
selected PWMA outputs, in cases where the fault conditions originate off-chip.
For the MC56F826xx products, which use 48-pin LQFP and 32-pin packages:
Table 2. Signal descriptions
Signal Name
48 LQFP
32 LQFP
Type
State During
Reset
Signal Description
VDD
32
—
Supply
Supply
I/O Power — Supplies 3.3 V power to the
chip I/O interface.
44
28
VSS
22
14
Supply
Supply
I/O Ground — Provide ground for the device
I/O interface.
31
—
45
29
VDDA
15
9
Supply
Supply
Analog Power — Supplies 3.3 V power to
the analog modules. It must be connected to
a clean analog power supply.
VSSA
16
10
Supply
Supply
Analog Ground — Supplies an analog
ground to the analog modules. It must be
connected to a clean power supply.
VCAP
19
—
On-chip
regulator
output
On-chip
regulator output
Connect a 2.2 µF bypass capacitor between
this pin and VSS to stabilize the core voltage
regulator output required for proper device
operation.
NOTE: The total bypass capacitor value
between all VCAP pin and VSS
should
not exceed 4.7 µF.
43
27
TDI
48
32
Input
Input, internal
pullup enabled
Test Data Input — It is sampled on the rising
edge of TCK and has an internal pullup
resistor. After reset, the default state is TDI.
(GPIOD0)
Input/Output
GPIO Port D0
TDO
46
30
Output
Output
Test Data Output — It is driven in the shift-IR
and shift-DR controller states, and it changes
on the falling edge of TCK. After reset, the
default state is TDO
(GPIOD1)
Input/Output
Output
GPIO Port D1
TCK
1
1
Input
Input, internal
pulldown
enabled
Test Clock Input — The pin is connected
internally to a pulldown resistor. A Schmitt-
trigger input is used for noise immunity. After
reset, the default state is TCK
Table continues on the next page...
MC56F826xx signal and pin descriptions
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com