Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 5 Page - NXP Semiconductors

  98ASH70029A Datasheet HTML 1Page - NXP Semiconductors 98ASH70029A Datasheet HTML 2Page - NXP Semiconductors 98ASH70029A Datasheet HTML 3Page - NXP Semiconductors 98ASH70029A Datasheet HTML 4Page - NXP Semiconductors 98ASH70029A Datasheet HTML 5Page - NXP Semiconductors 98ASH70029A Datasheet HTML 6Page - NXP Semiconductors 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
1.4 On-Chip Memory and Memory Protection
• Dual Harvard architecture permits as many as three simultaneous accesses to
program and data memory
• Internal flash memory with security and protection to prevent unauthorized access
• Memory resource protection (MRP) unit to protect supervisor programs and
resources from user programs
• Programming code can reside in flash memory during flash programming
• The dual-port RAM controller supports concurrent instruction fetches and data
accesses, or dual data accesses by the core.
• Concurrent accesses provide increased performance.
• The data and instruction arrive at the core in the same cycle, reducing latency.
• On-chip memory
• Up to 64 KB program/data flash memory
• 8 KB dual port data/program RAM
1.5 Interrupt Controller
• Five interrupt priority levels
• Three user-programmable priority levels for each interrupt source: level 0, level
1, level 2
• Unmaskable level 3 interrupts include illegal instruction, hardware stack
overflow, misaligned data access, SWI3 instruction
• Interrupt level 3 is highest priority and non-maskable. Its sources include:
• Illegal instructions
• Hardware stack overflow
• SWI instruction
• EOnce interrupts
• Misaligned data accesses
• Lowest-priority software interrupt: level LP
• Support for nested interrupts, so that a higher priority level interrupt request can
interrupt lower priority interrupt subroutine
• Masking of interrupt priority level is managed by the 56800EX core
• Two programmable fast interrupts that can be assigned to any interrupt source
• Notification to System Integration Module (SIM) to restart clock when in wait and
stop states
• Ability to relocate interrupt vector table
Overview
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com