Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 30 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors 98ASH70029A Datasheet HTML 33Page - NXP Semiconductors 98ASH70029A Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
3. Contiguous pin DC injection current of regional limit—including sum of negative injection currents or sum of positive
injection currents of 16 contiguous pins—is 25 mA.
7.3.2 LVD and POR operating requirements
Table 7. PMC Low-Voltage Detection (LVD) and Power-On Reset (POR) Parameters
Characteristic
Symbol
Min
Typ
Max
Unit
POR Assert Voltage1
POR
2.0
V
POR Release Voltage2
POR
2.7
V
LVI_2p7 Threshold Voltage
2.73
V
LVI_2p2 Threshold Voltage
2.23
V
1. During 3.3-volt VDD power supply ramp down
2. During 3.3-volt VDD power supply ramp up (gated by LVI_2p7)
7.3.3 Voltage and current operating behaviors
The following table provides information about power supply requirements and I/O pin
characteristics.
Table 8. DC Electrical Characteristics at Recommended Operating Conditions
Characteristic
Symbol
Notes 1
Min
Typ
Max
Unit
Test Conditions
Output Voltage High
VOH
Pin Group 1
VDD - 0.5
—
—
V
IOH = IOHmax
Output Voltage Low
VOL
Pin Groups
1, 2
—
—
0.5
V
IOL = IOLmax
Digital Input Current High
pull-up enabled or
disabled
IIH
Pin Group 1
—
0
+/- 2.5
µA
VIN = 2.4 V to 5.5 V
Pin Group 2
VIN = 2.4 V to VDD
Comparator Input Current
High
IIHC
Pin Group 3
—
0
+/- 2
µA
VIN = VDDA
Oscillator Input Current
High
IIHOSC
Pin Group 3
—
0
+/- 2
µA
VIN = VDDA
Digital Input Current Low
2, 3
pull-up disabled
IIL
Pin Groups
1, 2
—
0
+/- 0.5
µA
VIN = 0V
Internal Pull-Up
Resistance
RPull-Up
20
—
50
kΩ
—
Internal Pull-Down
Resistance
RPull-Down
20
—
50
kΩ
—
Comparator Input Current
Low
IILC
Pin Group 3
—
0
+/- 2
µA
VIN = 0V
Oscillator Input Current
Low
IILOSC
Pin Group 3
—
0
+/- 2
µA
VIN = 0V
Table continues on the next page...
General
MC56F826xx, Rev. 0, 08/2018
30
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com