Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # 98ASH70029A
Description  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors 98ASH70029A Datasheet HTML 33Page - NXP Semiconductors 98ASH70029A Datasheet HTML 34Page - NXP Semiconductors 98ASH70029A Datasheet HTML 35Page - NXP Semiconductors 98ASH70029A Datasheet HTML 36Page - NXP Semiconductors 98ASH70029A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Table 11. Current Consumption (mA) (continued)
Mode
Maximum
Frequency
Conditions
Typical at
3.3 V, 25°C
Maximum
at 3.6 V,
105°C
IDD1
IDDA
IDD1
IDDA
• Relaxation Oscillator on
• PLL powered on
• Continuous MAC instructions with fetches from Program
Flash
• All peripheral modules enabled. TMRs and SCIs using 1X
peripheral clock
• ADC/all 6-bit DACs) powered on and clocked
• Comparator powered on
RUN2
50 MHz
• 50 MHz Core and Peripheral clock
• Regulators are in full regulation
• Relaxation Oscillator on
• PLL powered on
• Continuous MAC instructions with fetches from Program
Flash
• All peripheral modules enabled. TMRs and SCIs using 1X
peripheral clock
• ADC/all 6-bit DACs) powered on and clocked
• Comparator powered on
27.6
9.9
43.5
13.2
WAIT
50 MHz
• 50 MHz Core and Peripheral clock
• Regulators are in full regulation
• Relaxation Oscillator on
• PLL powered on
• Processor Core in WAIT state
• All Peripheral modules enabled.
• TMRs and SCIs using 1X Clock
• ADC/all 6-bit DACs), Comparator powered off
24.0
—
41.3
—
STOP
4 MHz
• 4 MHz Device Clock
• Regulators are in full regulation
• Relaxation Oscillator on
• PLL powered off
• Processor Core in STOP state
• All peripheral module and core clocks are off
• ADC/Comparator powered off
6.3
—
19.4
—
LPRUN
(LsRUN)
2 MHz
• 200 kHz Device Clock from Relaxation Oscillator's (ROSC)
low speed clock
• ROSC in standby mode
• Regulators are in standby
• PLL disabled
• Repeat NOP instructions
• All peripheral modules enabled, except cyclic ADCs. all 6-
bit DACs enabled.
• Simple loop with running from platform instruction buffer
2.8
3.1
11.1
4.0
LPWAIT
(LsWAIT)
2 MHz
• 200 kHz Device Clock from Relaxation Oscillator's (ROSC)
low speed clock
• ROSC in standby mode
• Regulators are in standby
• PLL disabled
• All peripheral modules enabled, except cyclic ADCs. all 6-
bit DACs enabled.1
• Processor core in wait mode
2.7
3.1
11.1
4.0
Table continues on the next page...
General
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com