Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 18 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 18 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 14Page - Microchip Technology AT24CM02 Datasheet HTML 15Page - Microchip Technology AT24CM02 Datasheet HTML 16Page - Microchip Technology AT24CM02 Datasheet HTML 17Page - Microchip Technology AT24CM02 Datasheet HTML 18Page - Microchip Technology AT24CM02 Datasheet HTML 19Page - Microchip Technology AT24CM02 Datasheet HTML 20Page - Microchip Technology AT24CM02 Datasheet HTML 21Page - Microchip Technology AT24CM02 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Figure 7-2.  Page Write
SCL
SDA
Start Condition
by Host
ACK
from Client
ACK
from Client
Device Address Byte
First Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A16
0
0 A15 A14 A13 A12 A11 A10 A9 A8 0
ACK
from Client
ACK
from Client
Stop Condition
by Host
ACK
from Client
Second Word Address Byte
Data Word (n)
Data Word (n+x), max of 256 without rollover
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
A7
A6
A5
A4 A3 A2
A1 A0
0 D7 D6 D5 D4 D3 D2 D1 D0 0
D7 D6 D5 D4 D3 D2 D1 D0
0
MSb
MSb
MSb
7.3
Internal Writing Methodology
The AT24CM02 incorporates a built-in error detection and correction (EDC) logic scheme. The EEPROM array is
internally organized as a group of four connected 8-bit bytes plus an additional six ECC (Error Correction Code) bits
of EEPROM. These 38 bits are referred to as the internal physical data word. During a read sequence, the EDC logic
compares each 4-byte physical data word with its corresponding six ECC bits. If a single bit out of the 4-byte region
reads incorrectly, the EDC logic will detect the bad bit and replace it with a correct value before the data is serially
clocked out. This architecture significantly improves the reliability of the AT24CM02 compared to an implementation
that does not utilize EDC.
It is important to note that data is always physically written to the part at the internal physical data word level,
regardless of the number of bytes written. Writing single bytes is still possible with the byte write operation, but
internally, the other three bytes within that 4-byte location where the single byte was written, along with the six ECC
bits, will be updated. Due to this architecture, the AT24CM02 EEPROM write endurance is rated at the internal
physical data word level (4-byte word). The system designer needs to optimize the application writing algorithms to
observe these internal word boundaries in order to reach the endurance rating.
7.4
Acknowledge Polling
An Acknowledge Polling routine can be implemented to optimize time-sensitive applications that would prefer not to
wait the fixed maximum write cycle time (tWR). This method allows the application to know immediately when the
Serial EEPROM write cycle has completed, so a subsequent operation can be started.
Once the internally self-timed write cycle has started, an Acknowledge Polling routine can be initiated. This involves
repeatedly sending a Start condition followed by a valid device address byte with the R/W bit set at logic ‘0’. The
device will not respond with an ACK while the write cycle is ongoing. Once the internal write cycle has completed, the
EEPROM will respond with an ACK, allowing a new read or write operation to be immediately initiated. A flowchart
has been included below in Figure 7-3 to better illustrate this technique.
AT24CM02
Write Operations
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com