Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 28 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 28 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 24Page - Microchip Technology AT24CM02 Datasheet HTML 25Page - Microchip Technology AT24CM02 Datasheet HTML 26Page - Microchip Technology AT24CM02 Datasheet HTML 27Page - Microchip Technology AT24CM02 Datasheet HTML 28Page - Microchip Technology AT24CM02 Datasheet HTML 29Page - Microchip Technology AT24CM02 Datasheet HTML 30Page - Microchip Technology AT24CM02 Datasheet HTML 31Page - Microchip Technology AT24CM02 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
DRAWING NO.
REV.
TITLE
GPC
8U-18
01
4/5/16
8U-18, 8-ball 4x4 Array, Custom Pitch
Wafer Level Chip Scale Package (WLCSP)
GQA
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
TYP
MAX
NOTE
A
0.456
0.495
0.534
A1
—
0.190
—
A2
—
0.305
—
D
Contact Microchip for details.
d1
1.00 BSC
d2
1.40 BSC
E
Contact Microchip for details.
e
0.50 BSC
e1
2.10 BSC
b
—
0.270
—
NC = Not Connected
PIN ASSIGNMENT MATRIX
1
2
3
4
A
B
C
D
n/a
n/a
SCL
n/a
V
CC
WP
n/a
SDA
NC
n/a
n/a
GND
n/a
NC
A
2
n/a
SIDE VIEW
Note: 1. Dimensions are NOT to scale.
2. Solder ball composition is 95.5Sn-4.0Ag-0.5Cu.
A
B
C
D
4 3
2 1
E
D
d1
d2
e1
e
-C-
SEATING PLANE
D
C
B
A
1 2
3 4
A
A2
A1
k 0.20 C
BOTTOM SIDE
0.015 (4X)
A
TOP VIEW
v
d
0.015
C
0.05
C A B
d
m
m
A1 CORNER
A1 CORNER
k
d
b
Note:  For the most current package drawings, please see the Microchip Packaging Specification located at http://
www.microchip.com/packaging.
AT24CM02
Packaging Information
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com