Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 19 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 19 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 15Page - Microchip Technology AT24CM02 Datasheet HTML 16Page - Microchip Technology AT24CM02 Datasheet HTML 17Page - Microchip Technology AT24CM02 Datasheet HTML 18Page - Microchip Technology AT24CM02 Datasheet HTML 19Page - Microchip Technology AT24CM02 Datasheet HTML 20Page - Microchip Technology AT24CM02 Datasheet HTML 21Page - Microchip Technology AT24CM02 Datasheet HTML 22Page - Microchip Technology AT24CM02 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Figure 7-3. Acknowledge Polling Flowchart
Did
the device
ACK?
Send any
Write
protocol.
Send
Stop
condition
to initiate the
Write cycle.
Send Start
condition followed
by a valid
Device Address
byte with R/W = 0.
Proceed to
next Read or
Write operation.
NO
YES
7.5
Write Cycle Timing
The length of the self-timed write cycle (tWR) is defined as the amount of time from the Stop condition that begins the
internal write cycle to the Start condition of the first device address byte sent to the AT24CM02 that it subsequently
responds to with an ACK. Figure 7-4 has been included to show this measurement. During the internally self-timed
write cycle, any attempts to read from or write to the memory array will not be processed.
Figure 7-4. Write Cycle Timing
t
WR
Stop
Condition
Start
Condition
Data Word n
ACK
D0
SDA
Stop
Condition
SCL
8
9
ACK
First Acknowledge from the device
to a valid device address sequence after
write cycle is initiated. The minimum t
WR
can only be determined through
the use of an ACK Polling routine.
9
7.6
Write Protection
The AT24CM02 utilizes a hardware data protection scheme that allows the user to write‑protect the entire memory
contents when the WP pin is at VCC (or a valid VIH). No write protection will be set if the WP pin is at GND or left
floating.
Table 7-1. AT24CM02 Write-Protect Behavior
WP Pin Voltage
Part of the Array Protected
VCC
Full Array
GND
None - Write Protection Not Enabled
The status of the WP pin is sampled at the Stop condition for every byte write or page write operation prior to the
start of an internally self‑timed write cycle. Changing the WP pin state after the Stop condition has been sent will not
alter or interrupt the execution of the write cycle. The WP pin state must be valid with respect to the associated setup
(tSU.WP) and hold (tHD.WP) timing as shown in Figure 7-5 below. The WP setup time is the amount of time that
the WP state must be stable before the Stop condition is issued. The WP hold time is the amount of time after the
AT24CM02
Write Operations
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com