Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 22 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 22 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 18Page - Microchip Technology AT24CM02 Datasheet HTML 19Page - Microchip Technology AT24CM02 Datasheet HTML 20Page - Microchip Technology AT24CM02 Datasheet HTML 21Page - Microchip Technology AT24CM02 Datasheet HTML 22Page - Microchip Technology AT24CM02 Datasheet HTML 23Page - Microchip Technology AT24CM02 Datasheet HTML 24Page - Microchip Technology AT24CM02 Datasheet HTML 25Page - Microchip Technology AT24CM02 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Figure 8-2. Random Read
SCL
SDA
Start Condition
by Host
Device Address Byte
First Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A16 0
0
Dummy Write
Start Condition
by Host
Device Address Byte
Data Word (n)
Stop Condition
by Host
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
1
0 D7 D6 D5 D4 D3 D2 D1 D0 1
A14 A13 A12 A11 A10 A9 A8
0
ACK
from Client
ACK
from Client
ACK
from Client
NACK
from Host
Second Word Address Byte
MSb
A7 A6 A5 A4
A3 A2
A1 A0
0
ACK
from Client
A15
8.3
Sequential Read
Sequential reads are initiated by either a current address read or a random read. After the bus host receives a data
word, it responds with an Acknowledge. As long as the EEPROM receives an ACK, it will continue to increment the
word address and serially clock out sequential data words. When the maximum memory address is reached, the data
word address will rollover and the sequential read will continue from the beginning of the memory array. All types of
read operations will be terminated if the bus host does not respond with an ACK (it NACKs) during the ninth clock
cycle. After the NACK response, the host may send a Stop condition to complete the protocol or it can send a Start
condition to begin the next sequence.
Figure 8-3. Sequential Read
SCL
SDA
Start
by
Host
ACK
from
Client
ACK
from
Host
Device Address Byte
Data Word (n)
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A2 A1 A8
1
0
D7 D6
D5 D4 D3
D2 D1 D0
0
ACK
from
Host
NACK
from
Host
Stop
by
Host
ACK
from
Host
Data Word (n+1)
Data Word (n+2)
Data Word (n+x)
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
D7 D6 D5 D4 D3 D2
D1 D0
0 D7 D6 D5 D4 D3 D2 D1 D0 0
D7 D6 D5 D4 D3 D2 D1 D0
1
MSb
MSb
MSb
AT24CM02
Read Operations
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com