Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 24 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 24 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 20Page - Microchip Technology AT24CM02 Datasheet HTML 21Page - Microchip Technology AT24CM02 Datasheet HTML 22Page - Microchip Technology AT24CM02 Datasheet HTML 23Page - Microchip Technology AT24CM02 Datasheet HTML 24Page - Microchip Technology AT24CM02 Datasheet HTML 25Page - Microchip Technology AT24CM02 Datasheet HTML 26Page - Microchip Technology AT24CM02 Datasheet HTML 27Page - Microchip Technology AT24CM02 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
10.
Packaging Information
10.1
Package Marking Information
Catalog Number Truncation
AT24CM02
Truncation Code ##: 2H
YYWWNNN
## % CO
ATMLHYWW
8-lead SOIC
Note 2: Package drawings are not to scale
Note 1:
designates pin 1
8-ball WLCSP
## % CO
ATMLUYWW
YYWWNNN
Date Codes
Voltages
YY = Year
WW = Work Week of Assembly
% = Minimum Voltage
15: 2015
19: 2019
02: Week 2
M: 1.7V min
16: 2016
20: 2020
04: Week 4
D: 2.5V min
17: 2017
21: 2021
...
18: 2018
22: 2022
52: Week 52
Country of Origin
Device Grade
Atmel Truncation
CO = Country of Origin
H or U: Industrial Grade
AT: Atmel
ATM: Atmel
ATML: Atmel
Lot Number or Trace Code
NNN = Alphanumeric Trace Code (2 Characters for small packages)
AT24CM02: Package Marking Information
AT24CM02
Packaging Information
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com