Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 21 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 21 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 17Page - Microchip Technology AT24CM02 Datasheet HTML 18Page - Microchip Technology AT24CM02 Datasheet HTML 19Page - Microchip Technology AT24CM02 Datasheet HTML 20Page - Microchip Technology AT24CM02 Datasheet HTML 21Page - Microchip Technology AT24CM02 Datasheet HTML 22Page - Microchip Technology AT24CM02 Datasheet HTML 23Page - Microchip Technology AT24CM02 Datasheet HTML 24Page - Microchip Technology AT24CM02 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
8.
Read Operations
Read operations are initiated the same way as write operations with the exception that the Read/Write Select bit in
the device address byte must be a logic ‘1’. There are three read operations:
• Current Address Read
• Random Address Read
• Sequential Read
8.1
Current Address Read
The internal data word address counter maintains the last address accessed during the last read or write operation,
incremented by one. This address stays valid between operations as long as the VCC is maintained to the part. The
address rollover during a read is from the last byte of the last page to the first byte of the first page of the memory.
A current address read operation will output data according to the location of the internal data word address counter.
This is initiated with a Start condition, followed by a valid device address byte with the R/W bit set to logic ‘1’. The
device will ACK this sequence and the current address data word is serially clocked out on the SDA line. All types
of read operations will be terminated if the bus host does not respond with an ACK (it NACKs) during the ninth clock
cycle. After the NACK response, the host may send a Stop condition to complete the protocol or it can send a Start
condition to begin the next sequence.
Figure 8-1. Current Address Read
SCL
SDA
Device Address Byte
Data Word (n)
Start Condition
by Host
ACK
from Client
NACK
from Host
Stop Condition
by Host
MSb
MSb
1
0
1
0
A
2
X
X
1
0 D7 D6 D5 D4 D3 D2 D1 D0 1
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
8.2
Random Read
A random read begins in the same way as a byte write operation does to load in a new data word address. This is
known as a “dummy write” sequence; however, the data byte and the Stop condition of the byte write must be omitted
to prevent the part from entering an internal write cycle. Once the device address and word address are clocked in
and acknowledged by the EEPROM, the bus host must generate another Start condition. The bus host now initiates
a current address read by sending a Start condition, followed by a valid device address byte with the R/W bit set to
logic ‘1’. The EEPROM will ACK the device address and serially clock out the data word on the SDA line. All types
of read operations will be terminated if the bus host does not respond with an ACK (it NACKs) during the ninth clock
cycle. After the NACK response, the host may send a Stop condition to complete the protocol, or it can send a Start
condition to begin the next sequence.
AT24CM02
Read Operations
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com