Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 14 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 14 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 10Page - Microchip Technology AT24CM02 Datasheet HTML 11Page - Microchip Technology AT24CM02 Datasheet HTML 12Page - Microchip Technology AT24CM02 Datasheet HTML 13Page - Microchip Technology AT24CM02 Datasheet HTML 14Page - Microchip Technology AT24CM02 Datasheet HTML 15Page - Microchip Technology AT24CM02 Datasheet HTML 16Page - Microchip Technology AT24CM02 Datasheet HTML 17Page - Microchip Technology AT24CM02 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
5.3
Acknowledge and No-Acknowledge
After every byte of data is received, the receiving device must confirm to the transmitting device that it has
successfully received the data byte by responding with what is known as an Acknowledge (ACK). An ACK is
accomplished by the transmitting device first releasing the SDA line at the falling edge of the eighth clock cycle
followed by the receiving device responding with a logic ‘0’ during the entire high period of the ninth clock cycle.
When the AT24CM02 is transmitting data to the host, the host can indicate that it is done receiving data and wants
to end the operation by sending a logic ‘1’ response to the AT24CM02 instead of an ACK response during the ninth
clock cycle. This is known as a No-Acknowledge (NACK) and is accomplished by the host sending a logic ‘1’ during
the ninth clock cycle, at which point the AT24CM02 will release the SDA line so the host can then generate a Stop
condition.
The transmitting device, which can be the bus host or the Serial EEPROM, must release the SDA line at the
falling edge of the eighth clock cycle to allow the receiving device to drive the SDA line to a logic ‘0’ to ACK the
previous 8-bit word. The receiving device must release the SDA line at the end of the ninth clock cycle to allow the
transmitter to continue sending new data. A timing diagram has been provided in Figure 5-1 to better illustrate these
requirements.
Figure 5-1. Start Condition, Data Transitions, Stop Condition and Acknowledge
SCL
SDA
SDA
Must Be
Stable
SDA
Change
Allowed
SDA
Change
Allowed
Acknowledge
Valid
Stop
Condition
Start
Condition
1
2
8
9
SDA
Must Be
Stable
Acknowledge Window
The transmitting device (Host or Client)
must release the SDA line at this point to allow
the receiving device (Host or Client) to drive the
SDA line low to ACK the previous 8-bit word.
The receiver (Host or Client)
must release the SDA line at
this point to allow the transmitter
to continue sending new data.
5.4
Standby Mode
The AT24CM02 features a low-power Standby mode that is enabled when any one of the following occurs:
• A valid power-up sequence is performed (see Power-Up Requirements and Reset Behavior).
• A Stop condition is received by the device unless it initiates an internal write cycle (see Write Operations).
• At the completion of an internal write cycle (see Write Operations).
5.5
Software Reset
After an interruption in protocol, power loss or system Reset, any two‑wire device can be protocol reset by clocking
SCL until SDA is released by the EEPROM and goes high. The number of clock cycles until SDA is released by the
EEPROM will vary. The software Reset sequence should not take more than nine dummy clock cycles. Once the
software Reset sequence is complete, new protocol can be sent to the device by sending a Start condition followed
by the protocol. Refer to Figure 5-2 for an illustration.
AT24CM02
Device Operation and Communication
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com