Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 12 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 12 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 8Page - Microchip Technology AT24CM02 Datasheet HTML 9Page - Microchip Technology AT24CM02 Datasheet HTML 10Page - Microchip Technology AT24CM02 Datasheet HTML 11Page - Microchip Technology AT24CM02 Datasheet HTML 12Page - Microchip Technology AT24CM02 Datasheet HTML 13Page - Microchip Technology AT24CM02 Datasheet HTML 14Page - Microchip Technology AT24CM02 Datasheet HTML 15Page - Microchip Technology AT24CM02 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Table 4-4. Power-up Conditions(1)
Symbol
Parameter
Min. Max. Units
tPUP
Time required after VCC is stable before the device can accept commands
100
-
µs
VPOR
Power-on Reset Threshold Voltage
-
1.5
V
tPOFF
Minimum time at VCC = 0V between power cycles
1
-
ms
Note: 
1.
These parameters are characterized but they are not 100% tested in production.
If an event occurs in the system where the VCC level supplied to the AT24CM02 drops below the maximum VPOR
level specified, it is recommended that a full power cycle sequence be performed. First, drive the VCC pin to GND,
waiting at least the minimum tPOFF time, and then perform a new power-up sequence in compliance with the
requirements defined in this section.
4.5.2
Pin Capacitance
Table 4-5. Pin Capacitance(1)
Symbol
Test Condition
Max.
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A2 and SCL)
6
pF
VIN = 0V
Note: 
1.
This parameter is characterized but is not 100% tested in production.
4.5.3
EEPROM Cell Performance Characteristics
Table 4-6. EEPROM Cell Performance Characteristics
Operation
Test Condition
Min.
Max.
Units
Write Endurance(1)
TA = 25°C, VCC(min.) < VCC < VCC(max.),
Byte(2) or Page Write mode
1,000,000
—
Write Cycles
Data Retention(1)
TA = 55°C
100
—
Years
Notes: 
1.
Performance is determined through characterization and the qualification process.
2.
Due to the memory array architecture, the Write Cycle Endurance is specified for writes in groups of four data
bytes. The beginning of any 4-byte boundaries can be determined by multiplying any integer (N) by four (i.e.,
4*N). The end address can be found by adding three to the beginning value (i.e., 4*N+3). See Internal Writing
Methodology for more details on this implementation.
AT24CM02
Electrical Characteristics
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com