Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 1 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 1 Page - Microchip Technology

  AT24CM02 Datasheet HTML 1Page - Microchip Technology AT24CM02 Datasheet HTML 2Page - Microchip Technology AT24CM02 Datasheet HTML 3Page - Microchip Technology AT24CM02 Datasheet HTML 4Page - Microchip Technology AT24CM02 Datasheet HTML 5Page - Microchip Technology AT24CM02 Datasheet HTML 6Page - Microchip Technology AT24CM02 Datasheet HTML 7Page - Microchip Technology AT24CM02 Datasheet HTML 8Page - Microchip Technology AT24CM02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
AT24CM02
I²C-Compatible (Two-Wire)
Serial EEPROM 2‑Mbit (262,144 x 8)
Features
• Low-Voltage and Standard-Voltage Operation:
– VCC = 1.7V to 5.5V
– VCC = 2.5V to 5.5V
• Internally Organized as 262,144 x 8 (2‑Mbit)
• Industrial Temperature Range: -40°C to +85°C
• I2C-Compatible (Two-Wire) Serial Interface:
– 100 kHz Standard Mode, 1.7V to 5.5V
– 400 kHz Fast Mode, 1.7V to 5.5V
– 1 MHz Fast Mode Plus (FM+), 2.5V to 5.5V
• Schmitt Triggers, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• Write-Protect Pin for Full Array Hardware Data Protection
• Ultra Low Active Current (3 mA maximum) and Standby Current (3 µA maximum)
• 256-byte Page Write Mode:
– Byte write and partial page writes allowed
• Random and Sequential Read Modes
• Self-Timed Write Cycle:
– All write operations complete within 10 ms maximum
• Built-in Error Detection and Correction
• High Reliability:
– Endurance: 1,000,000 write cycles
– Data retention: 100 years
• Green Package Options (Lead-free/Halide-free/RoHS compliant)
• Die Sale Options: Wafer Form and Bumped Wafers
Packages
• 8-Lead SOIC and 8-Ball WLCSP
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 1


Similar Part No. - AT24CM02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CM02 ATMEL-AT24CM02 Datasheet
1Mb / 24P
I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
AT24CM02-SSHD-B ATMEL-AT24CM02-SSHD-B Datasheet
1Mb / 24P
I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
AT24CM02-SSHD-T ATMEL-AT24CM02-SSHD-T Datasheet
1Mb / 24P
I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
AT24CM02-SSHM-B ATMEL-AT24CM02-SSHM-B Datasheet
1Mb / 24P
I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
AT24CM02-SSHM-T ATMEL-AT24CM02-SSHM-T Datasheet
1Mb / 24P
I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
More results

Similar Description - AT24CM02

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
262,144-bit 2-WIRE SERIAL CMOS EEPROM
logo
ATMEL Corporation
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
Two-wire Serial EEPROM 1K (128 x 8)
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
Two-wire Serial EEPROM 1M (131,072 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
Two-wire Serial EEPROM 4K (512 x 8)
AT24CM02 ATMEL-AT24CM02 Datasheet
1Mb / 24P
I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
logo
Microchip Technology
AT24C16D MICROCHIP-AT24C16D Datasheet
1Mb / 41P
I짼C-Compatible (Two-Wire) Serial EEPROM 16?멚bit (2,048 x 8)
2017-2021
AT24C512C MICROCHIP-AT24C512C Datasheet
1Mb / 43P
I짼C-Compatible (Two-Wire) Serial EEPROM 512?멚bit (65,536 x 8)
2019-2021
logo
AiT Semiconductor Inc.
A24CM02 AITSEMI-A24CM02 Datasheet
528Kb / 17P
MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com