Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 31 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 31 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 26Page - Microchip Technology AT24CM02 Datasheet HTML 27Page - Microchip Technology AT24CM02 Datasheet HTML 28Page - Microchip Technology AT24CM02 Datasheet HTML 29Page - Microchip Technology AT24CM02 Datasheet HTML 30Page - Microchip Technology AT24CM02 Datasheet HTML 31Page - Microchip Technology AT24CM02 Datasheet HTML 32Page - Microchip Technology AT24CM02 Datasheet HTML 33Page - Microchip Technology AT24CM02 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Product Family
24C = Standard I2C-compatible
Serial EEPROM
Device Density
Shipping Carrier Option
Device Grade or
Wafer/Die Thickness
M = Megabit Family
02 = 2 Megabit
B = Bulk (Tubes)
T = Tape and Reel, Standard Quantity Option
E = Tape and Reel, Extended Quantity Option
Operating Voltage
D = 2.5V to 5.5V
M = 1.7V to 5.5V
H or U = Industrial Temperature Range
(-40°C to +85°C)
11
= 11mil Wafer Thickness
Package Option
SS
= SOIC
U2
= WLCSP
WWU = Wafer Unsawn
A T 24CM02- SS HD- B
Examples
Device
Package
Package
Drawing
Code
Package
Option
Voltage
Shipping
Carrier
Option
Device Grade
AT24CM02‑SSHM‑B
SOIC
SN
SS
1.7V to
5.5V
Bulk
(Tubes)
Industrial Temperature
(-40°C to +85°C)
AT24CM02‑SSHM‑T
SOIC
SN
SS
1.7V to
5.5V
Tape and
Reel
AT24CM02‑SSHD‑B
SOIC
SN
SS
2.5V to
5.5V
Bulk
(Tubes)
AT24CM02‑SSHD‑T
SOIC
SN
SS
2.5V to
5.5V
Tape and
Reel
AT24CM02‑U2UM‑T(1)
WLCSP
8U-18
U2
1.7V to
5.5V
Tape and
Reel
Note: 
1.
CAUTION: Exposure to ultraviolet (UV) light can degrade the data stored in EEPROM cells. Therefore,
customers who use a WLCSP package or the product at a die level must ensure that exposure to ultraviolet
light does not occur.
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip devices:
• Microchip products meet the specifications contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is secure when used in the intended manner and under normal
conditions.
• There are dishonest and possibly illegal methods being used in attempts to breach the code protection features
of the Microchip devices. We believe that these methods require using the Microchip products in a manner
AT24CM02
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com