Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 11 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 11 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 7Page - Microchip Technology AT24CM02 Datasheet HTML 8Page - Microchip Technology AT24CM02 Datasheet HTML 9Page - Microchip Technology AT24CM02 Datasheet HTML 10Page - Microchip Technology AT24CM02 Datasheet HTML 11Page - Microchip Technology AT24CM02 Datasheet HTML 12Page - Microchip Technology AT24CM02 Datasheet HTML 13Page - Microchip Technology AT24CM02 Datasheet HTML 14Page - Microchip Technology AT24CM02 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
...........continued
Parameter
Symbol
Standard Mode
Fast Mode
Fast Mode Plus
Units
VCC = 1.7V to 5.5V
VCC = 1.7V to 5.5V
VCC = 2.5V to 5.5V
Min.
Max.
Min.
Max.
Min.
Max.
Write-Protect Setup Time
tSU.WP
4,000
—
600
—
250
—
ns
Write-Protect Hold Time
tHD.WP
4,000
—
600
—
250
—
ns
Data Out Hold Time
tDH
100
—
50
—
50
—
ns
Write Cycle Time
tWR
—
10
—
10
—
10
ms
Notes: 
1.
AC measurement conditions:
– CL: 100 pF
– RPUP (SDA bus line pull-up resistor to VCC): 1.3 kΩ (1000 kHz), 4 kΩ (400 kHz), 10 kΩ (100 kHz)
– Input pulse voltages: 0.3 x VCC to 0.7 x VCC
– Input rise and fall times: ≤50 ns
– Input and output timing reference voltages: 0.5 x VCC
2.
These parameters are determined through product characterization and are not 100% tested in production.
Figure 4-1.  Bus Timing
SCL
SDA In
SDA Out
t
F
t
HIGH
t
LOW
t
R
t
DH
t
AA
t
BUF
t
SU.STO
t
SU.DAT
t
HD.DAT
t
HD.STA
t
SU.STA
4.5
Electrical Specifications
4.5.1
Power-Up Requirements and Reset Behavior
During a power-up sequence, the VCC supplied to the AT24CM02 should monotonically rise from GND to the
minimum VCC level, as specified in Table 4-1, with a slew rate no faster than 0.1 V/µs.
4.5.1.1
Device Reset
To prevent inadvertent write operations or any other spurious events from occurring during a power-up sequence, the
AT24CM02 includes a Power-on Reset (POR) circuit. Upon power-up, the device will not respond to any commands
until the VCC level crosses the internal voltage threshold (VPOR) that brings the device out of Reset and into Standby
mode.
The system designer must ensure the instructions are not sent to the device until the VCC supply has reached a
stable value greater than or equal to the minimum VCC level. Additionally, once the VCC is greater than or equal to the
minimum VCC level, the bus host must wait at least tPUP before sending the first command to the device. See Table
4-4 for the values associated with these power-up parameters.
AT24CM02
Electrical Characteristics
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com