Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 35Page - Dialog Semiconductor AT45DB021E Datasheet HTML 36Page - Dialog Semiconductor AT45DB021E Datasheet HTML 37Page - Dialog Semiconductor AT45DB021E Datasheet HTML 38Page - Dialog Semiconductor AT45DB021E Datasheet HTML 39Page - Dialog Semiconductor AT45DB021E Datasheet HTML 40Page - Dialog Semiconductor AT45DB021E Datasheet HTML 41Page - Dialog Semiconductor AT45DB021E Datasheet HTML 42Page - Dialog Semiconductor AT45DB021E Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
38
AT45DB021E
DS-AT45DB021E—8789J—03/2021
12
Buffer and Page Size Configuration
The memory array of DataFlash devices is actually larger than other Serial Flash devices in that extra user-
accessible bytes are provided in each page of the memory array. For the AT45DB021E, there are an extra eight
bytes of memory in each page for a total of an extra 8 kbytes (64 kbits) of user-accessible memory.
Some designers, however, might not want to take advantage of this extra memory and instead architect their
software to operate on a “power of 2” binary, logical addressing scheme. To allow this, the DataFlash can be
configured so that the Buffer and page sizes are 256 bytes instead of the standard 264 bytes. Also, the
configuration of the Buffer and page sizes is reversible and can be changed from 264 bytes to 256 bytes or from
256 bytes to 264 bytes. The configured setting is stored in an internal nonvolatile register so that the Buffer and
page size configuration is not affected by power cycles. The nonvolatile register has a limit of 10,000
erase/program cycles; therefore, be careful not to switch between the size options more than 10,000 times.
Devices are initially shipped from Adesto with the Buffer and page sizes set to 264 bytes. Devices can be ordered
from Adesto pre-configured for the “power of 2” binary size of 256 bytes. For details, see Section 28, Ordering
Information, on page 66.
To configure the device for “power of 2” binary page size (256 bytes), a four-byte opcode sequence of 3Dh, 2Ah,
80h, and A6h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the
CS pin must be deasserted to initiate the internally self-timed configuration process and nonvolatile register
program cycle. Programming nonvolatile register takes place in a time of tEP, during which time, the RDY/BUSY bit
in the Status Register indicates that the device is busy. The device does not need to be power cycled after the
configuration process and register program cycle in order for the Buffer and page size to be configured to 256
bytes.
To configure the device for standard DataFlash page size (264 bytes), a four-byte opcode sequence of 3Dh, 2Ah,
80h, and A7h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the
CS pin must be deasserted to initialize the internally self-timed configuration process and nonvolatile register
program cycle. Programming nonvolatile register takes place in a time of tEP, during which time, the RDY/BUSY bit
in the Status Register indicates that the device is busy. The device does not need to be power cycled after the
configuration process and register program cycle in order for the Buffer and page size to be configured to 264
bytes.
Table 12-1. Buffer and Page Size Configuration Commands
Figure 12-1. Buffer and Page Size Configuration Timing
Command
Byte 1
Byte 2
Byte 3
Byte 4
“Power of 2” binary page size (256 bytes)
3Dh
2Ah
80h
A6h
DataFlash page size (264 bytes)
3Dh
2Ah
80h
A7h
CS
SI
3Dh
2Ah
80h
Opcode
Byte 4
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com