Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 15Page - Dialog Semiconductor AT45DB021E Datasheet HTML 16Page - Dialog Semiconductor AT45DB021E Datasheet HTML 17Page - Dialog Semiconductor AT45DB021E Datasheet HTML 18Page - Dialog Semiconductor AT45DB021E Datasheet HTML 19Page - Dialog Semiconductor AT45DB021E Datasheet HTML 20Page - Dialog Semiconductor AT45DB021E Datasheet HTML 21Page - Dialog Semiconductor AT45DB021E Datasheet HTML 22Page - Dialog Semiconductor AT45DB021E Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
18
AT45DB021E
DS-AT45DB021E—8789J—03/2021
Table 7-2.
Sector Erase Addressing
7.9
Chip Erase
The Chip Erase command allows the entire main memory array to be erased at one time.
To execute the Chip Erase command, a four-byte command sequence of C7h, 94h, 80h, and 9Ah must be clocked
into the device. Since the entire memory array is to be erased, no address bytes need to be clocked into the
device, and any data clocked in after the opcode are ignored. After the last bit of the opcode sequence has been
clocked in, the CS pin must be deasserted to start the erase process. The erase operation is internally self-timed
and takes place in a time of tCE. During this time, the RDY/BUSY bit in the Status Register indicates that the device
is busy.
The Chip Erase command does not affect sectors that are protected or locked down; the contents of those sectors
remain unchanged. Only those sectors that are not protected or locked down are erased.
The WP pin can be asserted while the device is erasing, but protection is not activated until the internal erase cycle
completes.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.
Table 7-3.
Chip Erase Command
Figure 7-1. Chip Erase Timing
PA9/A17
PA8/A16
PA7/A15
PA6/A14
PA5/A13
PA4/A12
PA3/A11
PA2/A10
PA1/A9
PA0/A8
Sector
0
0
0
0
0
0
0
X
X
X
0a
0
0
0
0
0
0
1
X
X
X
0b
0
0
1
X
X
X
X
X
X
X
1
1
0
1
X
X
X
X
X
X
X
5
1
1
0
X
X
X
X
X
X
X
6
1
1
1
X
X
X
X
X
X
X
7
Command
Byte 1
Byte 2
Byte 3
Byte 4
Chip Erase
C7h
94h
80h
9Ah
C7h
94h
80h
9Ah
CS
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com