Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 7Page - Dialog Semiconductor AT45DB021E Datasheet HTML 8Page - Dialog Semiconductor AT45DB021E Datasheet HTML 9Page - Dialog Semiconductor AT45DB021E Datasheet HTML 10Page - Dialog Semiconductor AT45DB021E Datasheet HTML 11Page - Dialog Semiconductor AT45DB021E Datasheet HTML 12Page - Dialog Semiconductor AT45DB021E Datasheet HTML 13Page - Dialog Semiconductor AT45DB021E Datasheet HTML 14Page - Dialog Semiconductor AT45DB021E Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
10
AT45DB021E
DS-AT45DB021E—8789J—03/2021
5
Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions and their
associated opcodes are contained in Table 16-1, on page 43, through Table 16-4, on page 44. A valid instruction
starts with the falling edge of CS followed by the appropriate 8-bit opcode and the Buffer or main memory address
location. While the CS pin is low, toggling the SCK pin controls the loading of the opcode and the Buffer or main
memory address location through the SI (Serial Input) pin. All instructions, addresses, and data are transferred with
the Most Significant Bit (MSB) first.
Three address bytes are used to address memory locations in either the main memory array or in the Buffer. The
three address bytes are comprised of a number of dummy bits and a number of actual device address bits, with the
number of dummy bits varying depending on the operation being performed and the selected device page size.
Buffer addressing for the standard DataFlash page size (264 bytes) is referenced in the datasheet using the
terminology BFA8 - BFA0 to denote the nine address bits required to designate a byte address within the Buffer.
The main memory addressing is referenced using the terminology PA9 - PA0 and BA8 - BA0, where PA9 - PA0
denotes the 10 address bits required to designate a page address, and BA8 - BA0 denotes the nine address bits
required to designate a byte address within the page. Therefore, when using the standard DataFlash page size, a
total of 22 address bits are used.
For the “power of 2” binary page size (256 bytes), the Buffer addressing is referenced in the datasheet using the
conventional terminology BFA7 - BFA0 to denote the eight address bits required to designate a byte address within
the Buffer. Main memory addressing is referenced using the terminology A17 - A0, where A17 - A8 denotes the 10
address bits required to designate a page address, and A7 - A0 denotes the eight address bits required to
designate a byte address within a page. Therefore, when using the binary page size, a total of 21 address bits are
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com