Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 27Page - Dialog Semiconductor AT45DB021E Datasheet HTML 28Page - Dialog Semiconductor AT45DB021E Datasheet HTML 29Page - Dialog Semiconductor AT45DB021E Datasheet HTML 30Page - Dialog Semiconductor AT45DB021E Datasheet HTML 31Page - Dialog Semiconductor AT45DB021E Datasheet HTML 32Page - Dialog Semiconductor AT45DB021E Datasheet HTML 33Page - Dialog Semiconductor AT45DB021E Datasheet HTML 34Page - Dialog Semiconductor AT45DB021E Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
30
AT45DB021E
DS-AT45DB021E—8789J—03/2021
10
Additional Commands
10.1 Main Memory Page to Buffer Transfer
A page of data can be transferred from the main memory to the Buffer. To transfer a page of data using the
standard DataFlash page size (264 bytes), an opcode of 53h must be clocked into the device followed by three
address bytes comprised of five dummy bits, 10 page address bits (PA9 - PA0) which specify the page in main
memory to be transferred, and nine dummy bits. To transfer a page of data using the binary page size (256 bytes),
an opcode of 53h must be clocked into the device followed by three address bytes comprised of six dummy bits, 10
page address bits (A17 - A8) which specify the page in the main memory to be transferred, and eight dummy bits.
The CS pin must be low while toggling the SCK pin to load the opcode and the three address bytes from the input
pin (SI). The transfer of the page of data from the main memory to the Buffer begins when the CS pin transitions
from a low to a high state. During the page transfer time (tXFR), the RDY/BUSY bit in the Status Register can be
read to determine whether or not the transfer has been completed.
10.2 Main Memory Page to Buffer Compare
A page of data in main memory can be compared to the data in the Buffer as a method to ensure that data was
successfully programmed after a Buffer to Main Memory Page Program command. To compare a page of data with
the standard DataFlash page size (264 bytes), an opcode of 60h must be clocked into the device followed by three
address bytes comprised of five dummy bits, 10 page address bits (PA9 - PA0) which specify the page in the main
memory to be compared to the Buffer, and nine dummy bits. To compare a page of data with the binary page size
(256 bytes), an opcode of 60h must be clocked into the device followed by three address bytes comprised of six
dummy bits, 10 page address bits (A17 - A8) which specify the page in the main memory to be compared to the
Buffer, and eight dummy bits.
The CS pin must be low while toggling the SCK pin to load the opcode and the address bytes from the input pin
(SI). On the low-to-high transition of the CS pin, the data bytes in the selected Main Memory Page are compared
with the data bytes in the Buffer. During the compare time (tCOMP), the RDY/BUSY bit in the Status Register
indicates that the part is busy. After the compare operation, bit 6 of the Status Register is updated with the result of
the compare.
10.3 Auto Page Rewrite
This command must be used only if the possibility exists that static (non-changing) data are stored in one or more
pages of a sector and the other pages of the same sector are erased and programmed a large number of times.
Applications that modify data in a random fashion within a sector can fall into this category. To preserve data
integrity of a sector, each page within a sector must be updated/rewritten at least once within every 50,000
cumulative page erase/program operations within that sector. The Auto Page Rewrite command provides a simple
and efficient method to “refresh” a page in the main memory array in a single operation.
The Auto Page Rewrite command is a combination of the Main Memory Page to Buffer Transfer and Buffer to Main
Memory Page Program with Built-In Erase commands. With the Auto Page Rewrite command, a page of data is
first transferred from the main memory to the Buffer and then the same data is programmed back into the same
page of main memory, essentially “refreshing” the contents of that page. To start the Auto Page Rewrite operation
with the standard DataFlash page size (264 bytes), a one-byte opcode, 58h must be clocked into the device
followed by three address bytes comprised of five dummy bits, 10 page address bits (PA9-PA0) that specify the
page in main memory to be rewritten, and nine dummy bits.
To initiate an Auto Page Rewrite with the a binary page size (256 bytes), the opcode 58h must be clocked into the
device followed by three address bytes consisting of six dummy bits, 10 page address bits (A17 - A8) that specify
the page in the main memory that is to be rewritten, and eight dummy bits. When a low-to-high transition occurs on
the CS pin, the part first transfers data from the page in main memory to the Buffer and then programs the data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com