Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 9Page - Dialog Semiconductor AT45DB021E Datasheet HTML 10Page - Dialog Semiconductor AT45DB021E Datasheet HTML 11Page - Dialog Semiconductor AT45DB021E Datasheet HTML 12Page - Dialog Semiconductor AT45DB021E Datasheet HTML 13Page - Dialog Semiconductor AT45DB021E Datasheet HTML 14Page - Dialog Semiconductor AT45DB021E Datasheet HTML 15Page - Dialog Semiconductor AT45DB021E Datasheet HTML 16Page - Dialog Semiconductor AT45DB021E Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
12
AT45DB021E
DS-AT45DB021E—8789J—03/2021
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The
Continuous Array Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
6.3
Continuous Array Read (Low Frequency Mode: 03h Opcode)
This command can be used to read the main memory array sequentially at lower clock frequencies up to maximum
specified by fCAR2. Unlike the previously described read commands, this Continuous Array Read command for
lower clock frequencies does not require the clocking in of dummy bytes after the address byte sequence. To
perform a Continuous Array Read using the standard DataFlash page size (264 bytes), the CS pin must first be
asserted, and then an opcode of 03h must be clocked into the device followed by three address bytes (which
comprise the 24-bit page and byte address sequence). The first 10 bits (PA9 - PA0) of the 19-bit address sequence
specify which page of the main memory array to read, and the last nine bits (BA8 - BA0) of the 19-bit address
sequence specify the starting byte address within the page. To perform a Continuous Array Read using the binary
page size (256 bytes), the opcode 03h must be clocked into the device followed by three address bytes (A17 - A0).
Following the address bytes, additional clock pulses on the SCK pin result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When
the end of a page in the main memory is reached during a Continuous Array Read, the device continues reading at
the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from the
end of one page to the beginning of the next page). When the last bit in the main memory array has been read, the
device continues reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays are incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR2 specification. The
Continuous Array Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
6.4
Continuous Array Read (Low Power Mode: 01h Opcode)
This command is ideal for applications that want to minimize power consumption and do not need to read the
memory array at high frequencies. Like the 03h opcode, this Continuous Array Read command allows reading the
main memory array sequentially without the need for dummy bytes to be clocked in after the address byte
sequence. The memory can be read at clock frequencies up to maximum specified by fCAR3. To perform a
Continuous Array Read using the standard DataFlash page size (264 bytes), the CS pin must first be asserted, and
then an opcode of 01h must be clocked into the device followed by three address bytes (which comprise the 24-bit
page and byte address sequence). The first 10 bits (PA9 - PA0) of the 19-bit address sequence specify which page
of the main memory array to read and the last nine bits (BA8 - BA0) of the 19-bit address sequence specify the
starting byte address within the page. To perform a Continuous Array Read using the binary page size (256 bytes),
the opcode 01h must be clocked into the device followed by three address bytes (A17 - A0). Following the address
bytes, additional clock pulses on the SCK pin result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When
the end of a page in the main memory is reached during a Continuous Array Read, the device continues reading at
the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from the
end of one page to the beginning of the next page). When the last bit in the main memory array has been read, the
device continues reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays are incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR3 specification. The
Continuous Array Read bypasses the data buffer and leaves the contents of the Buffer unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com