Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 13Page - Dialog Semiconductor AT45DB021E Datasheet HTML 14Page - Dialog Semiconductor AT45DB021E Datasheet HTML 15Page - Dialog Semiconductor AT45DB021E Datasheet HTML 16Page - Dialog Semiconductor AT45DB021E Datasheet HTML 17Page - Dialog Semiconductor AT45DB021E Datasheet HTML 18Page - Dialog Semiconductor AT45DB021E Datasheet HTML 19Page - Dialog Semiconductor AT45DB021E Datasheet HTML 20Page - Dialog Semiconductor AT45DB021E Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
16
AT45DB021E
DS-AT45DB021E—8789J—03/2021
10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and eight address bits
(A7 - A0) that selects the first byte in the Buffer to be written. After all address bytes are clocked in, the device
takes data from the input pin (SI) and stores it in the Buffer. Any number of bytes (1 to 256) can be entered. If the
end of the Buffer is reached, then the device wraps around back to the beginning of the Buffer. When using the
binary page size, the page and buffer address bits correspond to an 18-bit logical address (A17-A0) in the main
memory.
After all data bytes have been clocked into the device, a low-to-high transition on the CS pin starts the program
operation in which the device programs the data stored in the Buffer into the main memory array. Only the data
bytes that were clocked into the device are programmed into the main memory.
Example:
If only two data bytes were clocked into the device, then only two bytes are programmed into main memory,
and the remaining bytes in the memory page remain in their previous state.
The CS pin must be deasserted on a byte boundary (multiples of eight bits); otherwise, the operation is aborted
and no data are programmed. Programming data bytes is internally self-timed and takes place in a maximum time
of tP (the program time is a multiple of the tBP time depending on the number of bytes being programmed). During
this time, the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status Register.
7.6
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array allowing the
Buffer to Main Memory Page Program without Built-In Erase command or the Main Memory Byte/Page Program
through Buffer command to be used later.
To perform a Page Erase with the standard DataFlash page size (264 bytes), an opcode of 81h must be clocked
into the device followed by three address bytes comprised of five dummy bits, 10 page address bits (PA9 - PA0)
that specify the page in the main memory to be erased, and nine dummy bits.
To perform a Page Erase with the binary page size (256 bytes), an opcode of 81h must be clocked into the device
followed by three address bytes comprised of six dummy bits, 10 page address bits (A17 - A8) that specify the
page in the main memory to be erased, and eight dummy bits.
When a low-to-high transition occurs on the CS pin, the device erases the selected page (the erased state is a
logic 1). The erase operation is internally self-timed and takes place in a maximum time of tPE. During this time, the
RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.
7.7
Block Erase
The Block Erase command can be used to erase a block of eight pages at one time. This command is useful when
needing to pre-erase larger amounts of memory and is more efficient than issuing eight separate Page Erase
commands.
To perform a Block Erase with the standard DataFlash page size (264 bytes), an opcode of 50h must be clocked
into the device followed by three address bytes comprised of five dummy bits, seven page address bits (PA9 -
PA3), and 12 dummy bits. The seven page address bits are used to specify which block of eight pages is to be
erased.
To perform a Block Erase with the binary page size (256 bytes), an opcode of 50h must be clocked into the device
followed by three address bytes comprised of six dummy bits, seven page address bits (A17 - A11), and 11 dummy
bits. The seven page address bits are used to specify which block of eight pages is to be erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com