Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 23Page - Dialog Semiconductor AT45DB021E Datasheet HTML 24Page - Dialog Semiconductor AT45DB021E Datasheet HTML 25Page - Dialog Semiconductor AT45DB021E Datasheet HTML 26Page - Dialog Semiconductor AT45DB021E Datasheet HTML 27Page - Dialog Semiconductor AT45DB021E Datasheet HTML 28Page - Dialog Semiconductor AT45DB021E Datasheet HTML 29Page - Dialog Semiconductor AT45DB021E Datasheet HTML 30Page - Dialog Semiconductor AT45DB021E Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
26
AT45DB021E
DS-AT45DB021E—8789J—03/2021
9
Security Features
9.1
Sector Lockdown
The device incorporates a sector lockdown mechanism that allows each individual sector to be permanently locked
so that it becomes read-only (ROM). This is useful for applications that require the ability to permanently protect a
number of sectors against malicious attempts at altering program code or security information.
Warning:
Once a sector is locked down, it can never be erased or programmed, and it can never be unlocked.
To issue the sector lockdown command, a four-byte command sequence of 3Dh, 2Ah, 7Fh, and 30h must be
clocked into the device followed by three address bytes specifying any address within the sector to be locked
down. After the last address bit has been clocked in, the CS pin must be deasserted to initiate the internally self-
timed lockdown sequence. The lockdown sequence takes place in a maximum time of tP. During this time, the
RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is powered-down before the
lockdown sequence is done, then the lockdown status of the sector cannot be guaranteed. In this case, it is
recommended that the user read the Sector Lockdown Register to determine the status of the appropriate sector
lockdown bits or bytes and re-issue the Sector Lockdown command if necessary.
Table 9-1.
Sector Lockdown Command
Figure 9-1. Sector Lockdown Timing
Command
Byte 1
Byte 2
Byte 3
Byte 4
Sector Lockdown
3Dh
2Ah
7Fh
30h
3Dh
2Ah
7Fh
30h
CS
Address
byte
Address
byte
Address
byte
SI
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com