Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 12Page - Dialog Semiconductor AT45DB021E Datasheet HTML 13Page - Dialog Semiconductor AT45DB021E Datasheet HTML 14Page - Dialog Semiconductor AT45DB021E Datasheet HTML 15Page - Dialog Semiconductor AT45DB021E Datasheet HTML 16Page - Dialog Semiconductor AT45DB021E Datasheet HTML 17Page - Dialog Semiconductor AT45DB021E Datasheet HTML 18Page - Dialog Semiconductor AT45DB021E Datasheet HTML 19Page - Dialog Semiconductor AT45DB021E Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
15
AT45DB021E
DS-AT45DB021E—8789J—03/2021
When a low-to-high transition occurs on the CS pin, the device programs the data stored in the Buffer into the
specified page in the main memory. The page in main memory that is being programmed must have been
previously erased using one of the erase commands (Page Erase, Block Erase, Sector Erase, or Chip Erase).
Programming the page is internally self-timed and takes place in a maximum time of tP. During this time, the
RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status Register.
7.4
Main Memory Page Program through Buffer with Built-In Erase
The Main Memory Page Program through Buffer with Built-In Erase command combines the Buffer Write and
Buffer to Main Memory Page Program with Built-In Erase operations into a single operation to help simplify
application firmware development. With the Main Memory Page Program through Buffer with Built-In Erase
command, data is first clocked into the Buffer, the addressed page in memory is then automatically erased, and
then the contents of the Buffer are programmed into the just-erased main memory page.
To perform a Main Memory Page Program through Buffer using the standard DataFlash page size (264 bytes), an
opcode of 82h must first be clocked into the device followed by three address bytes comprised of five dummy bits,
10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine buffer address
bits (BFA8 - BFA0) that select the first byte in the Buffer to be written.
To perform a Main Memory Page Program through Buffer using the binary page size (256 bytes), an opcode of 82h
must first be clocked into the device followed by three address bytes comprised of six dummy bits, 10 page
address bits (A17 - A8) that specify the page in the main memory to be written, and eight address bits (A7 - A0)
that selects the first byte in the Buffer to be written.
After all address bytes have been clocked in, the device takes data from the input pin (SI) and stores it in the
Buffer. If the end of the Buffer is reached, the device wraps around back to the beginning of the Buffer. When there
is a low-to-high transition on the CS pin, the device first erases the selected page in main memory (the erased
state is a logic 1) and then programs the data stored in the Buffer into that main memory page. Both erasing and
programming of the page are internally self-timed and take place in a maximum time of tEP. During this time, the
RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates intelligent erase and programming algorithms that can detect when a byte location
fails to erase or program properly. If an erase or program error arises, it is indicated by the EPE bit in the Status
Register.
7.5
Main Memory Byte/Page Program through Buffer without Built-In Erase
The Main Memory Byte/Page Program through the Buffer without Built-In Erase combines both the Buffer Write
and Buffer to Main Memory Program without Built-In Erase operations to allow any number of bytes (1 to 256/264
bytes) to be programmed directly into previously erased locations in the main memory array. With the Main
Memory Byte/Page Program through Buffer without Built-In Erase command, data is first clocked into Buffer, and
then only the bytes clocked into the Buffer are programmed into the pre-erased byte locations in main memory.
Multiple bytes up to the page size can be entered with one command sequence.
To perform a Main Memory Byte/Page Program through the Buffer using the standard DataFlash page size (264
bytes), an opcode of 02h must first be clocked into the device followed by three address bytes comprised of five
dummy bits, 10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine
buffer address bits (BFA8 - BFA0) that select the first byte in the Buffer to be written. After all address bytes are
clocked in, the device takes data from the input pin (SI) and stores it in the Buffer. Any number of bytes (1 to 264)
can be entered. If the end of the Buffer is reached, then the device wraps around back to the beginning of the
Buffer.
To perform a Main Memory Byte/Page Program through the Buffer using the binary page size (256 bytes), an
opcode of 02h must first be clocked into the device followed by three address bytes comprised of six dummy bits,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com