Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 11Page - Dialog Semiconductor AT45DB021E Datasheet HTML 12Page - Dialog Semiconductor AT45DB021E Datasheet HTML 13Page - Dialog Semiconductor AT45DB021E Datasheet HTML 14Page - Dialog Semiconductor AT45DB021E Datasheet HTML 15Page - Dialog Semiconductor AT45DB021E Datasheet HTML 16Page - Dialog Semiconductor AT45DB021E Datasheet HTML 17Page - Dialog Semiconductor AT45DB021E Datasheet HTML 18Page - Dialog Semiconductor AT45DB021E Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
14
AT45DB021E
DS-AT45DB021E—8789J—03/2021
7
Program and Erase Commands
7.1
Buffer Write
Using the Buffer Write command allows data clocked in from the SI pin to be written directly into the data buffer.
To load data into the Buffer using the standard DataFlash buffer size (264 bytes), an opcode of 84h must be
clocked into the device followed by three address bytes comprised of 15 dummy bits and nine buffer address bits
(BFA8 - BFA0). The nine buffer address bits specify the first byte in the Buffer to be written.
To load data into the Buffer using the binary buffer size (256 bytes), an opcode of 84h must be clocked into the
device followed by 16 dummy bits and eight address bits (A7 - A0). The eight address bits specify the first byte in
the Buffer to be written.
After the last address byte has been clocked into the device, data can then be clocked in on subsequent clock
cycles. If the end of the data buffer is reached, the device wraps around back to the beginning of the Buffer. Data
continue to be loaded into the Buffer until a low-to-high transition is detected on the CS pin.
7.2
Buffer to Main Memory Page Program with Built-In Erase
The Buffer to Main Memory Page Program with Built-In Erase command allows data that is stored in the Buffer to
be written into an erased or programmed page in the main memory array. It is not necessary to pre-erase the page
in main memory to be written because this command automatically erases the selected page prior to the program
cycle.
To perform a Buffer to Main Memory Page Program with Built-In Erase using the standard DataFlash page size
(264 bytes), an opcode of 83h must be clocked into the device followed by three address bytes comprised of five
dummy bits,10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine
dummy bits.
To perform a Buffer to Main Memory Page Program with Built-In Erase using the binary page size (256 bytes), an
opcode of 83h must be clocked into the device followed by three address bytes comprised of six dummy bits, 10
page address bits (A17 - A8) that specify the page in the main memory to be written, and eight dummy bits.
When a low-to-high transition occurs on the CS pin, the device first erases the selected page in main memory (the
erased state is a logic 1) and then programs the data stored in the Buffer into that same page in main memory.
Both erasing and programming of the page are internally self-timed and take place in a maximum time of tEP.
During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates intelligent erase and program algorithms that can detect when a byte location fails to
erase or program properly. If an erase or programming error arises, it is indicated by the EPE bit in the Status
Register.
7.3
Buffer to Main Memory Page Program without Built-In Erase
The Buffer to Main Memory Page Program without Built-In Erase command allows data that is stored in the Buffer
to be written into a pre-erased page in the main memory array. It is necessary that the page in main memory to be
written be previously erased in order to avoid programming errors.
To perform a Buffer to Main Memory Page Program without Built-In Erase using the standard DataFlash page size
(264 bytes), an opcode of 88h must be clocked into the device followed by three address bytes comprised of five
dummy bits,10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine
dummy bits.
To perform a Buffer to Main Memory Page Program using the binary page size (256 bytes), an opcode 88h must
be clocked into the device followed by three address bytes comprised of six dummy bits, 10 page address bits
(A17 - A8) that specify the page in the main memory to be written, and eight dummy bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com