Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 18Page - Dialog Semiconductor AT45DB021E Datasheet HTML 19Page - Dialog Semiconductor AT45DB021E Datasheet HTML 20Page - Dialog Semiconductor AT45DB021E Datasheet HTML 21Page - Dialog Semiconductor AT45DB021E Datasheet HTML 22Page - Dialog Semiconductor AT45DB021E Datasheet HTML 23Page - Dialog Semiconductor AT45DB021E Datasheet HTML 24Page - Dialog Semiconductor AT45DB021E Datasheet HTML 25Page - Dialog Semiconductor AT45DB021E Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
21
AT45DB021E
DS-AT45DB021E—8789J—03/2021
8.1.2
Disable Sector Protection
To disable the sector protection, a four-byte command sequence of 3Dh, 2Ah, 7Fh, and 9Ah must be clocked into
the device. After the last bit of the opcode sequence has been clocked in, the CS pin must be deasserted to disable
the sector protection.
Table 8-2.
Disable Sector Protection Command
Figure 8-2. Disable Sector Protection Timing
8.2
Hardware Controlled Protection
Sectors specified for protection in the Sector Protection Register and the Sector Protection Register itself can be
protected from program and erase operations by asserting the WP pin and keeping the pin in its asserted state.
The Sector Protection Register and any sector specified for protection cannot be erased or programmed as long as
the WP pin is asserted. In order to modify the Sector Protection Register, the WP pin must be deasserted. If the
WP pin is permanently connected to GND, then the contents of the Sector Protection Register cannot be changed.
If the WP pin is deasserted or permanently connected to VCC, then the contents of the Sector Protection Register
can be modified.
The WP pin overrides the software controlled protection method, but only for protecting the sectors.
Example:
If the sectors are not previously protected by the Enable Sector Protection command, then asserting the WP
pin enables the sector protection within the maximum specified tWPE time. When the WP pin is deasserted,
however, the sector protection is no longer enabled (after the maximum specified tWPD time) as long as the
Enable Sector Protection command was not issued while the WP pin was asserted. If the Enable Sector
Protection command was issued before or while the WP pin was asserted, then deasserting the WP pin
does not disable the sector protection. In this case, the Disable Sector Protection command must be issued
while the WP pin is deasserted to disable the sector protection. The Disable Sector Protection command is
also ignored whenever the WP pin is asserted.
A noise filter is incorporated to help protect against spurious noise that my inadvertently assert or deassert the WP
pin.
Figure 8-3 and Table 8-3 detail the sector protection status for various scenarios of the WP pin, the Enable Sector
Protection command, and the Disable Sector Protection command.
Figure 8-3. WP Pin and Protection Status Timing
Command
Byte 1
Byte 2
Byte 3
Byte 4
Disable Sector Protection
3Dh
2Ah
7Fh
9Ah
3Dh
2Ah
7Fh
9Ah
CS
Each transition represents eight bits
SI
WP
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com