Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 24Page - Dialog Semiconductor AT45DB021E Datasheet HTML 25Page - Dialog Semiconductor AT45DB021E Datasheet HTML 26Page - Dialog Semiconductor AT45DB021E Datasheet HTML 27Page - Dialog Semiconductor AT45DB021E Datasheet HTML 28Page - Dialog Semiconductor AT45DB021E Datasheet HTML 29Page - Dialog Semiconductor AT45DB021E Datasheet HTML 30Page - Dialog Semiconductor AT45DB021E Datasheet HTML 31Page - Dialog Semiconductor AT45DB021E Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
27
AT45DB021E
DS-AT45DB021E—8789J—03/2021
9.1.1
Read Sector Lockdown Register
The nonvolatile Sector Lockdown Register specifies which sectors in the main memory are currently unlocked or
have been permanently locked down. The Sector Lockdown Register is a read-only register and contains eight
bytes of data which correspond to Sectors 0 through 7. To read the Sector Lockdown Register, an opcode of 35h
must be clocked into the device followed by three dummy bytes. After the last bit of the opcode and dummy bytes
have been clocked in, the data for the contents of the Sector Lockdown Register are clocked out on the SO pin.
The first byte (byte location 0) corresponds to Sector 0 (0a and 0b), the second byte corresponds to Sector 1, and
the last byte (byte location 7) corresponds to Sector 7. After the last byte of the Sector Lockdown Register has
been read, additional pulses on the SCK pin result in undefined data being output on the SO pin.
Deasserting the CS pin terminates the Read Sector Lockdown Register operation and put the SO pin into a high-
impedance state. Table 9-2 details the format the Sector Lockdown Register.
Table 9-2.
Sector Lockdown Register
Table 9-3.
Sector 0 (0a and 0b) Sector Lockdown Register Byte Value
Table 9-4.
Read Sector Lockdown Register Command
Figure 9-2. Read Sector Lockdown Register Timing
Sector Number
0 (0a, 0b)
1 to 7
Locked
See
Table 9-3
FFh
Unlocked
00h
Bit 7:6
Bit 5:4
Bit 3:2
Bit 1:0
Data Value
Sector 0a
(Page 0-7)
Sector 0b
(Page 8-127)
N/A
N/A
Sectors 0a and 0b Unlocked
00
00
00
00
00h
Sector 0a Locked
11
00
00
00
C0h
Sector 0b Locked
00
11
00
00
30h
Sectors 0a and 0b Locked
11
11
00
00
F0h
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Lockdown Register
35h
XXh
XXh
XXh
35h
XX
XX
XX
Data
n
Data
n + 1
CS
SI
SO
Each transition represents eight bits
Data
n + 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com