Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 44Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 45Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 46Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 47Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 48Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 49Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 50Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 51Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
48 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
8.4 MODULE PLACEMENT ON THE MAIN BOARD
In order to ensure FCC compliance, proper coverage
and to avoid detuning of the antennas, it is required to
place the module free on the main board in relation to
other surrounding materials.
Keep a distance of at least 10 mm from the antenna
elements to conducting objects and at least 5 mm to
non-conducting objects.
Keep in mind that electrical shielding objects, even
partly surrounding the antennas, will normally cause a
significant degradation of the coverage.
Place the module at the edge of the main-board as
shown in Figure 37.
If the module has to be placed away from the edge of
the main board, then avoid conducting areas in front of
the antennas and make a cut-out in the main board
underneath the antennas as shown in the figure.
Keep solid ground on layer 2 out to the edges of the
main board as shown in the figure.
8.5 PATTERN FOR PIN 79 ON THE MAIN BOARD
The copper pattern for pin 79 on the main board is very
important because it is part of the internal antenna of
the module. It is used to extend the internal antenna for
optimum RF performance.
The PCB pattern shown in Figure 41 under “pads C” for
pin 79 on the main board was used during module cer-
tification.
8.6 PRECAUTIONS REGARDING UNINTENDED
COUPLING
The SC14CVMDECT SF includes an internal antenna,
so at integration on the main board precautions shall
be taken in order to avoid any kind of coupling from the
main board to the RF part of the module.
If there is any doubt about this, a brief radio test should
be performed.
Figure 37: Module placement on the main board (top view)
1
78
No P C B a re a
2
3
76
77
GN D
GN D
G N D
79
Ma in b o a rd
Mo d u le
ante nn a exte nsio n
> 10 m m
> 10 m m
> 1 0 m m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com