Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 30 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 30 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 26Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 27Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 28Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 29Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 30Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 31Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 32Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 33Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
30 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Table 8: P0_DATA_REG, P1_DATA_REG, P2_DATA_REG, P3_DATA_REG (0xFF4830, 0xFF4840, 0xFF4850,
0xFF4860)
Bit
Mode
Symbol
Description
Reset
P0-P3
15-8
-
0
7
R/W
Px_7_DATA
If output, set Px[7], else returns the value of Px[7]
0
6
R/W
Px_6_DATA
If output, set Px[6], else returns the value of Px[6]
0
5
R/W
Px_5_DATA
If output, set Px[5], else returns the value of Px[5]
0,1,0,0
4
R/W
Px_4_DATA
If output, set Px[4], else returns the value of Px[4]
0
3
R/W
Px_3_DATA
If output, set Px[3], else returns the value of Px[3]
0
2
R/W
Px_2_DATA
If output, set Px[2], else returns the value of Px[2]
0
1
R/W
Px_1_DATA
If output, set Px[1], else returns the value of Px[1]
0
0
R/W
Px_0_DATA
If output, set Px[0], else returns the value of Px[0]
0
NOTE: x = 0, 1, 2, 3 These registers are not reset with a SW reset
Table 9: P0_SET_DATA_REG, P1_SET_DATA_REG, P2_SET_DATA_REG, P3_SET_DATA_REG (0xFF4832,
0xFF4842, 0xFF4852, 0xFF4862)
Bit
Mode
Symbol
Description
Reset
15-8
-
0
7
R0/W
Px_7_SET
If Px[7] output, writing a 1 sets Px[7] to 1. Writing 0 is discarded,
Reading returns 0
0
6
R0/W
Px_6_SET
If Px[6] output, writing a 1 sets Px[6] to 1. Writing 0 is discarded.
Reading returns 0
0
5
R0/W
Px_5_SET
If Px[5] output, writing a 1 sets Px[5] to 1. Writing 0 is discarded.
Reading returns 0
0
4
R0/W
Px_4_SET
If Px[4] output, writing a 1 sets Px[4] to 1. Writing 0 is discarded.
Reading returns 0
0
3
R/0W
Px_3_SET
If Px[3] output, writing a 1 sets Px[3] to 1. Writing 0 is discarded.
Reading returns 0
0
2
R0/W
Px_2_SET
If Px[2] output, writing a 1 sets Px[2] to 1. Writing 0 is discarded.
Reading returns 0
0
1
R0/W
Px_1_SET
If Px[1] output, writing a 1 sets Px[1] to 1. Writing 0 is discarded.
Reading returns 0
0
0
R0/W
Px_0_SET
If Px[0] output, writing a 1 sets Px[0] to 1. Writing 0 is discarded.
Reading returns 0
0
NOTE:
x = 0, 1, 2, 3 These registers are not reset with a SW reset
Table 10: P0_RESET_DATA_REG, P1_RESET_DATA_REG, P2_RESET_DATA_REG, P3_RESET_DATA_REG
(0xFF4834, 0xFF4844, 0xFF4854, 0xFF4864)
Bit
Mode
Symbol
Description
Reset
15-8
-
0
7
R0/W
Px_7_RESET
If Px[7] output, writing a 1 resets Px[7] to 0. Writing 0 is discarded.
Reading returns 0
0
6
R0/W
Px_6_RESET
If Px[6] output, writing a 1 resets Px[6] to 0. Writing 0 is discarded.
Reading returns 0
0
5
R0/W
Px_5_RESET
If Px[5] output, writing a 1 resets Px[5] to 0. Writing 0 is discarded.
Reading returns 0
0
4
R0/W
Px_4_RESET
If Px[4] output, writing a 1 resets Px[4] to 0. Writing 0 is discarded.
Reading returns 0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com