Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 28Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 29Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 30Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 31Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 32Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 33Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 34Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 35Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
32 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
5-4
R/W
P0_3_MODE
00 = P0_OUT_DATA_REG[3] on P0[3]
01 = SCL2 on P0[3] (Note 14)
1x = Reserved
0
3-2
R/W
P0_2_MODE
00 = P0_OUT_DATA_REG[2] on P0[2]
01 = SDA2 on P0[2] (Note 14)
10 = UART UTX2 on P0[2]
1x = Reserved
0
1
R/W
P0_1_MODE
0 = P0_OUT_DATA_REG[1] on P0[1]
1 = Timer 0 PWM0 on P0[1]
0
0
R/W
P0_0_MODE
0 = P0_OUT_DATA_REG[0] on P0[0]
1 = UART UTX on P0[0]
0
NOTE: This register is not reset with a SW reset
Table 13: P1_MODE_REG (0xFF4848)
Bit
Mode
Symbol
Description
Reset
15-10
-
0
9-8
R/W
RF_BB_MODE
00
01
10
P1[5]
See P1_5_MODE
RDI output
RDI input
P1[4]
See P1_4_MODE
TDOD output TDOD output
P1[3]
See P1_3_MODE
SIO output
SIO input/output
P1[2]
See P1_2_MODE
SK output
SK output
P1[1]
See P1_1_MODE
LE output
LE output
0
7-5
-
P1_5_MODE
Reserved
0
4
R/W
P1_4_MODE
0 = P1_OUT_DATA_REG[4] on P1[4] (2 mA drive)
1 = P1_OUT_DATA_REG[4] on P1[4] (1 mA drive) for direct connec-
tion to base of external NPN transistor.
0
3
R/W
P1_3_MODE
0 = P1_OUT_DATA_REG[3] on P1[3] (2 mA drive)
1 = P1_OUT_DATA_REG[3] on P1[3] (1 mA drive) for direct connec-
tion to base of external NPN transistor.
0
2
-
P1_2_MODE
Reserved
0
1
-
P1_1_MODE
Reserved
0
0
R/W
P1_0_MODE
0 = P1_OUT_DATA_REG[0] on P1[0]
ADC1 input disabled, input up-to VDD+0.3 V
1 = Analog ADC1 mode, input up to 1.98 V!!
P1_DIR_REG[0] must be set to 0, to disable Pull-up, pull-down and
digital output mode.
1
NOTE: This register is not reset with a SW reset
Table 14: P2_MODE_REG (0xFF4858)
BIT
MODE
SYMBOL
DESCRIPTION
RESET
15
R/W
P2_7_MODE
0 = P2_OUT_DATA_REG[7] on P2[7]
1 = BXTAL on P2[7] (Can be used as RFCLK for external RF)
0
14
R/W
INT7_MODE
0 = P2[7] input to INT7
1 = P1[2] input to INT7
0
13
R/W
P2_6_MODE
0 = P2_OUT_DATA_REG[6] on P2[6]
1 = WTF_IN on P2[6] (monitor Gen2DSP load)
0
12
R/W
INT6_MODE
0 = P2[6] to INT6
1 = P1[1] to INT6
0
Table 12: P0_MODE_REG (0xFF4838)
Bit
Mode
Symbol
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com