Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 1 Page - Dialog Semiconductor

  SC14CVMDECT Datasheet HTML 1Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 2Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 3Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 4Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 5Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 6Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 7Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 8Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
1 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
General description
The SC14CVMDECT SF is a member of the Cordless
Module family with integrated radio transceiver and
baseband processor in a single package. It is designed
for hosted and embedded cordless voice and data
applications in the DECT frequency band. Its simple to
use API commands allow easy setup of a wireless link
between two or more nodes.
Features
Supports EU-DECT (CAT-iq V2.0, v3.0 partly),
DECT6.0 for North America and Japan DECT
ETSI (EU-DECT) and FCC (DECT 6.0) certified
J-DECT pre-certified
ETSI 300 444 (DECT GAP) compliant
Up to 64 Portable Parts or ULE devices registered
per Fixed Part
UART interface to external host
Controllable via API command set
Supports voice and data
RF range: 1870 MHz to 1930 MHz
Receiver sensitivity < -93 dBm
Transmit power
EU: 23 dBm: 1881 MHz - 1897 MHz
USA: 20 dBm: 1921 MHz - 1928 MHz
JP: 23 dBm: 1895 MHz - 1903 MHz
Antenna embedded, supports external antennas
Contains both PP and FP functionality
Program memory available for custom software
Supports both internal and external (hosted) applica-
tions
Power supply voltage: 2.1 V to 3.45 V
Supports NiMH and Alkaline batteries
Small form factor (19.6 mm x 18.0 mm x 2.7 mm)
Operating temperature range: -40 °C to +85 °C
Applications
Cordless intercom
Cordless baby monitor
Wireless data applications up to 54 kbit/s
FP supports ULE sensors and actuators
________________________________________________________________________________________________
System diagram
SC14CVMDECT
Fixed Part
Data
Host
SC14CVMDECT
Host
US/EU/JP*
DECT
Portable Part 0
SC14CVMDECT
Host
Portable Part 1
SC14CVMDECT
Host
Portable Part 5
Voice
Voice + data: 32 kbit/s + 1.6 kbit/s
Data: 54 kbit/s
* Only end-products
can be CAT-iq certified
*
Voice + data
Data
Voice + data
Data
Voice + data
Data


Similar Part No. - SC14CVMDECT

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SC14CVMDECT-SF DIALOG-SC14CVMDECT-SF Datasheet
1Mb / 57P
Cordless Voice Module
More results

Similar Description - SC14CVMDECT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8519M SANYO-LA8519M Datasheet
317Kb / 29P
I/O Switch/Voice Signal-Processing IC for Cordless Telephones
logo
Mitsumi Electronics, Co...
TRM5P MITSUMI-TRM5P Datasheet
105Kb / 2P
RF Module for Cordless Telephone in Japan Use
TRM7P MITSUMI-TRM7P Datasheet
120Kb / 2P
RF Module for Cordless Telephone in Japan Use
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
Cordless Telephones
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
Cordless Telephone
logo
PCA ELECTRONICS INC.
EPF8232S PCA-EPF8232S Datasheet
57Kb / 1P
Voice Over IP Magnetic Module
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
Wireless Voice Transceiver RF Module
logo
Dialog Semiconductor
SC14CVMDECT-SF DIALOG-SC14CVMDECT-SF Datasheet
1Mb / 57P
Cordless Voice Module
logo
Dorji Industrial Group ...
DRA818U DORJI-DRA818U Datasheet
343Kb / 10P
UHF Band Voice Transceiver Module
DRA818V DORJI-DRA818V Datasheet
355Kb / 10P
VHF Band Voice Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com