Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 27Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 28Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 29Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 30Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 31Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 32Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 33Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 34Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
31 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Note 12: P1[5] is output from reset to supply an external EEPROM.
P1[6] and P1[]7 are pull-down only., P3[0], P3[1] are output only
P2[0], P2[1] pull-up resistors are disabled in PAD_CTRL_REG[P20_OD, P21_OD] = 1.
If P3[3] and P1[0] are set to output, the ADC0 and ADC1 inputs are automatically disabled.
3
R0/W
Px_3_RESET
If Px[3] output, writing a 1 resets Px[3] to 0. Writing 0 is discarded.
Reading returns 0
0
2
R0/W
Px_2_RESET
If Px[2] output, writing a 1 resets Px[2] to 0. Writing 0 is discarded.
Reading returns 0
0
1
R0/W
Px_1_RESET
If Px[1] output, writing a 1 resets Px[1] to 0. Writing 0 is discarded.
Reading returns 0
0
0
R0/W
Px_0_RESET
If Px[0] output, writing a 1 resets Px[0] to 0. Writing 0 is discarded.
Reading returns 0
0
NOTE:
x = 0, 1, 2, 3 These registers are not reset with a SW reset
Table 11: P0_DIR_REG, P1_DIR_REG, P2_DIR_REG, P3_DIR_REG (0xFF4836, 0xFF4846, 0xFF4856,
0xFF4866)
Bit
Mode
Symbol
Description
Reset
P0-P5
15-14
R/W
Px_7_DIR
00 = Input, no resistors selected
01 = Input, pull-up selected
10 = Input, Pull-down selected
11 = Output, no resistors selected
In analog mode, these bits must be set to 0 to disable resistors
and digital output mode.
1,-,1,0
13-12
R/W
Px_6_DIR
1,-,1,0
11-10
R/W
Px_5_DIR
1,3,1,0
9-8
R/W
Px_4_DIR
1,2,1,0
7-6
R/W
Px_3_DIR
1,2,1,0
5-4
R/W
Px_2_DIR
1,1,1,0
3-2
R/W
Px_1_DIR
1,1,1,-
1-0
R/W
Px_0_DIR
1,1,1,-
NOTE:x = 0,1,2,3,4,5 These registers are not reset with a SW reset
Table 12: P0_MODE_REG (0xFF4838)
Bit
Mode
Symbol
Description
Reset
15-14
-
0
13-12
R/W
P0_7_MODE
00 = P0_OUT_DATA_REG[7] on P0[7]
01 = SPI_DI on P0[7] (don’t care)
10 = Timer 0 PWM1 on P0[7]
11 = Reserved
0
11-10
R/W
P0_6_MODE
00 = P0_OUT_DATA_REG[6] on P0[6]
01 = SPI_DO on P0[6]
10 = Reserved
11 = Reserved
0
9-8
R/W
P0_5_MODE
00 = P0_OUT_DATA_REG[5] on P0[5]
01 = SPI_CLK on P0[5]
10 = Reserved
11 = Reserved
0
7-6
R/W
P0_4_MODE
00 = P0_OUT_DATA_REG[4] on P0[4]
01 = SPI_EN input on P0[4] (don’t care)
10 = Reserved
11 = Reserved
0
Table 10: P0_RESET_DATA_REG, P1_RESET_DATA_REG, P2_RESET_DATA_REG, P3_RESET_DATA_REG
(0xFF4834, 0xFF4844, 0xFF4854, 0xFF4864)
Bit
Mode
Symbol
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com