Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 51 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 51 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 47Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 48Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 49Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 50Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 51Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 52Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 53Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 54Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 55Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
51 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
10.3 END APPLICATION APPROVAL
The module is intended to be used in an end applica-
tion. Type approval concerning the end product, except
for the module, should of cause be done. Please con-
tact a test house in order to clarify what is needed.
10.4 SAFETY REQUIREMENTS
This section provides of an overview of the safety
requirements that must be adhered to when working
with the SC14CVMDECT SF.
• The specific external power supply for the
SC14CVMDECT SF has to fulfil the requirements
according to clause 2.5 (Limited power source) of
this standard EN 60950-1:2006.
• Interconnection circuits shall be selected to provide
continued conformance to the requirements of
clause 2.2 for SELV (Safety Extra Low Voltage) cir-
cuits according to EN 60950-1:2006 after making
connections.
• Interface type: not subjected to overvoltages (i.e.
does not leave the building).
• Requirements additional to those specified in this
standard may be necessary for:
• Equipment intended for operation in special envi-
ronments (for example, extremes of temperature,
excessive dust, moisture or vibration, flammable
gases and corrosive or explosive atmospheres).
• Equipment intended to be used in vehicles, on
board ships or aircraft, in tropical countries or at
altitudes greater than 2000 m.
• Equipment intended for use where ingress of
water is possible.
• Installation by qualified personnel only!
• The product is a component intended for installation
and use in complete equipment. The final accept-
ance of the component is dependent upon its instal-
lation and use in complete equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com