Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 31Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 32Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 33Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 34Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 35Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 36Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 37Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 38Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
35 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
7.0 Specifications
All MIN/MAX specification limits are guaranteed by design, or production test, or statistical methods unless
note 17 is added to the parameter description. Typical values are informative.
Note 17: This parameter will not be tested in production. The MIN/MAX values are guaranteed by design and verified by characterization.
7.1 GENERAL
Note 18: The resulting range is very dependent of the mechanical design. Dialog Semiconductor is not responsible for this design and as such Dialog
Semiconductor is not responsible for the resulting performance range of the final product.
7.2 ABSOLUTE MAXIMUM RATINGS
Note 19: Absolute maximum ratings are those values that may be applied for maximum 50 hours.
Beyond these values, damage to the device may occur.
7.3 OPERATING CONDITIONS
Table 16: SC14CVMDECT SF module
ITEM
CONDITIONS
VALUE
UNIT
Dimensions
l x w x h
18.0 x 19.6 x 2.7
mm
Weight
1.5
g
Temperature range
-40 to +85
°C
Frequency range
According to DECT standard
1870 to 1930
MHz
Antenna range
According to DECT standard; (Note 18)
- typical outdoor
350
m
- typical indoor
75
m
Standards compliancy
ETS 300 444 (DECT GAP), former TBR2214
FCC part 15
Power supply
2 cell NiCd/NiMH
Note: for 1 Li-Ion battery an external LDO is required.
2.10 to 3.45
V
Maximum PCB warpage
For entire reflow range
0.1
mm
Table 17: Absolute Maximum Ratings (Note 19)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
MAX
UNIT
Vbat_max
Max voltage on pin VBATIN, VDDPA
3.45
V
Vpon_max
Max voltage on pin PON
5.5
V
Vled_max
Max voltage on pin LED4, LED3
3.6
V
Vdig_bp_max
Max voltage on digital pins with back drive
protection; ports P0 and P2 (except P2.6)
3.6
V
Vdig_max
Max voltage on other digital pins
2.0
V
Vana_max
Max voltage on analog pins
2.2
V
Vesd_hbm
ESD voltage according to human body
model; all pins
2000
V
Vesd_mm
ESD voltage according to machine model;
all pins
150
V
Table 18: Operating conditions (Note 20)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vbat
Supply voltage on pin VBATIN
2.1
3.45
V
Vdd_pa
CLASSD supply voltage on pin VDDPA
2.1
3.45
V
Vpon
Voltage on pin PON
5.5
V
Vdig_bp
Voltage on digital pins with back drive
protection; ports P0 and P2 (except P2.6)
3.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com