Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 50 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 50 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 46Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 47Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 48Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 49Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 50Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 51Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 52Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 53Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 54Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
50 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
10.0 Notices to OEM
The end product has to be certified again if it has
been programmed with other software than Dialog
standard software stack for portable part and/or
uses one or two external antenna(s). (See [6] for
more detailed information).
10.1 FCC REQUIREMENTS REGARDING THE END
PRODUCT AND THE END USER.
The end product that the module is integrated into must
be marked as follows:
“Contains Transmitter Module FCC ID: Y82-SC14S /
IC: 9576A-SC14S”
The literature provided to the end user must include the
following wording:
FCC compliance statement
This device complies with Part 15 of the FCC Rules for
only portable part.
Operation is subject to the following two conditions: (1)
this device may not cause harmful interference, and (2)
this device must accept any interference received,
including interference that may cause undesired opera-
tion of the device.
Module transmetteur ID IC: 9576A-SC14S.
Son fonctionnement est soumis aux deux conditions
suivantes: (1) cet appareil ne doit pas causer d’interfé-
rences nuisibles et (2) appareil doit accepter toute
interférence reçue, y compris les interférences qui
peuvent perturber le fonctionnement.
Changes or modifications to the equipment not
expressly approved by the Party responsible for com-
pliance could void the user's authority to operate the
equipment.
NOTE: This equipment has been tested and found to
comply with the limits for a Class B digital device, pur-
suant to Part 15 of the FCC Rules. These limits are
designed to provide reasonable protection against
harmful interference in a residential installation.
This equipment generate, uses and can radiate radio
frequency energy and, if not installed and used in
accordance with the instructions, may cause harmful
interference to radio communications. However, there
is no guarantee that interference will not occur in a par-
ticular installation.
If this equipment does cause harmful interference to
radio or television reception, which can be determined
by turning the equipment off and on, the user is encour-
aged to try to correct the interference by one or more of
the following measures:
• Reorient or relocate the receiving antenna
• Increase the separation between the equipment and
receiver
• Connect the equipment into an outlet on a circuit dif-
ferent from that to which the receiver is connected.
• Consult the dealer or an experienced radio/TV tech-
nician for help.
Privacy of communications may not be ensured when
using this phone.
10.2 INDUSTRY CANADA REQUIREMENTS
REGARDING THE END PRODUCT AND THE END
USER
The host device shall be properly labelled to identify
the modules within the host device. The Industry Can-
ada certification label of a module shall be clearly visi-
ble at all times when installed in the host device,
otherwise the host device must be labelled to display
the Industry Canada certification number of the mod-
ule, preceded by the words "Contains transmitter mod-
ule", or the word "Contains", or similar wording
expressing the same meaning, as follows:
Contains transmitter module IC: 9576A-SC14S
L'appareil hôte doit être étiqueté comme il faut pour
permettre l'identification des modules qui s'y trouvent.
L'étiquette de certification d'Industrie Canada d'un
module donné doit être posée sur l'appareil hôte à un
endroit bien en vue en tout temps. En l'absence d'éti-
quette, l'appareil hôte doit porter une etiquette donnant
le numéro de certification du module d'Industrie Can-
ada, précédé des mots " Contient un module d'émis-
sion ", du mot " Contient " ou d'une formulation
similaire exprimant le même sens, comme suit :
Contient le module d'émission IC: 9576A-SC14S
This device complies with Industry Canada licence-
exempt RSS standard(s). Operation is subject to the
following two conditions: (1) this device may not cause
interference, and (2) this device must accept any inter-
ference, including interference that may cause unde-
sired operation of the device.
Le présent appareil est conforme aux CNR d'Industrie
Canada applicables aux appareils radio exempts de
licence. L'exploitation est autorisée aux deux condi-
tions suivantes : (1) l'appareil ne doit pas produire de
brouillage, et (2) l'utilisateur de l'appareil doit accepter
tout brouillage radioélectrique subi, même si le brouil-
lage est susceptible d'en compromettre le fonctionne-
ment.
CAN ICES-3 (B)/NMB-3(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com