Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 20Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 21Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 22Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 23Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 24Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 25Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 26Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 27Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
24 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Figure 22: PCM bus with linear PCM, 8 kHz sample rate
PC M C L K
8 K H z F S C
PC M in
P C M out
C hann e l 0
C hann e l 0
C h a nne l 1
Ch a n n e l 1
C h an ne l 0
C h an ne l 0
C h a nnel 1
C h anne l 1
A P _ D A T A_F O R M A T _ L IN E A R _8k H z w ith 8 kH z fr a m e sy n c :
1 st fra m e
2 nd fra m e
1 st fr a m e
1 st fra m e
1 st fr a m e
2 nd fra m e
2 nd fra m e
2 nd fra m e
PC M CL K
16 K H z F S C
PC M in
P C M out
C h a nne l 0
C h a nne l 0
Ch a n n e l 1
Ch a n n e l 1
C han n e l 0
C hann el 1
1 st fra m e
1 st fra m e
1 st fra m e
1 st fra m e
A P _ D A T A_F O R M A T _ L IN E A R _8k H z w ith 16 kH z f ram e syn c :
1 st fra m e
1 st fra m e
C h an ne l 0
C h anne l 1
1 st fra m e
1 st fra m e
Figure 23: PCM bus with linear PCM, 16 kHz sample rate
PCM CLK
16 KHz FSC
PCM in
PCM out
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
1st frame
2nd frame
1st frame
1st frame
1st frame
2nd frame
2nd frame
2nd frame
AP_DATA_FORMAT_LINEAR_16kHz with 16 kHz frame sync:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com