Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 29Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 30Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 31Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 32Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 33Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 34Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 35Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 36Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
33 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Note 13: Push/pull or open drain function is controlled from the sub-block’s DSP_PCM_CTRL_REG, resp. ACCESSx_CTRL_REG.
Note 14: To enable outputs, the corresponding P2_DIR_REG[y] bit(s) do not have to be controlled, this is done by the sub block.
11-10
R/W
P2_5_MODE
00 = P2_OUT_DATA_REG[5] on P2[5]
01 = PCM_FSC on P2[5]
10 = SF on P2[5]
11 = Reserved
0
9-8
R/W
P2_4_MODE
00 = P2_OUT_DATA_REG[4] on P2[4]
01 = PCM_DO on P2[4] (Note 13)
10 = SCL1 on P2[4] (Note 14)
11 = DP3 on P2[4]
0
7-6
R/W
P2_3_MODE
00 = P2_OUT_DATA_REG[3] on P2[3]
01 = PCM_DI input on P2[3]
10 = SDA1 on P2[3] (Note 14)
11 = DP2 on P2[3]
0
5-4
R/W
P2_2_MODE
00 = P2_OUT_DATA_REG[2] on P2[2].
01 = PCM_CLK on P2[2]
10 = CLK100 on P2[2]
11 = Reserved
0
3-2
R/W
P2_1_MODE
00 = P2_OUT_DATA_REG[1] on P2[1]
01 = ECZ2 (from DSP) on P2[1]
10 = Timer 0 PWM1 on P2[1]
11 = LED4 mode on P2[1]. PAD_CTRL_REG[P21_OD] must kept
‘1’ if LED is connected to VBAT. Set PAD_CTRL_REG
[LED4_PWM] = 1 for PWM on LED4 current source.
0
1-0
R/W
P2_0_MODE
00 = P2_OUT_DATA_REG[0] on P2[0]
01 = ECZ1 (from DSP) on P2[0]
10 = Timer0 PWM0 on P2[0]
11 = LED3 mode on P2[0]. PAD_CTRL_REG[P20_OD] must kept
‘1’ if LED is connected to VBAT. Set PAD_CTRL_REG
[LED3_PWM] =1 for PWM on LED4 current source.
0
NOTE: This register is not reset with a SW reset
Table 15: P3_MODE_REG (0xFF4868)
Bit
Mode
Symbol
Description
Reset
15-14
R/W
P3_7_MODE
00 = P3_OUT_DATA_REG[7] on P3[7]
01 = Analog mode RINGp on P3[7] (Note 15)
1x = Reserved
1
13-12
R/W
P3_6_MODE
00 = P3_OUT_DATA_REG[6] on P3[6]
01 = Analog mode RINGn on P3[6] (Note 15)
1x = Reserved
1
11-10
R/W
P3_5_MODE
00 = P3_OUT_DATA_REG[5] on P3[5]
01= Analog mode RINGING/RINGout on P3[5] (Note 15)
1x = Reserved
1
9-8
R/W
P3_4_MODE
00 = P3_OUT_DATA_REG[4] on P3[4].
01 = Analog mode PARAdet on P3[4]
1x = Reserved
1
7-6
R/W
P3_3_MODE
00 = P3_OUT_DATA_REG[2] on P3[3]
ADC0 input disabled, input up to VDD+0.3 V
01 = Analog ADC0 mode, input up to 1.98 V!!
1x = Reserved
1
5-4
R/W
P3_2_MODE
00 = P3_OUT_DATA_REG[2] on P3[2]
01 = Analog mode CIDINp on P3[2]
1x = Reserved
1
Table 14: P2_MODE_REG (0xFF4858)
BIT
MODE
SYMBOL
DESCRIPTION
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com