Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # SC14CVMDECT
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button SC14CVMDECT Datasheet HTML 9Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 10Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 11Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 12Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 13Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 14Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 15Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 16Page - Dialog Semiconductor SC14CVMDECT Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
13 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
3.9 GENERAL FEATURES
Note 9: These features can be supported by combined API commands in user software.
Note 10: The number of PP registrations includes both CVMDECT PP and ULE PP devices.
Note 11: SF02 supports one channel LU10 simultaneously.
Table 5: Supported general features
Functionality (Note 9)
PP
support
FP
support
Remark
Call handling
Conferencing
-
Yes
Call between FP and 4x PP
Intercom
Yes
Yes
Call between FP and 4x PP
Walkie Talkie mode
Yes
-
Call between PP and PP without FP
Baby monitor
Yes
-
Voice Activated PP. See document reference [2]
Voice over PCM interface
Yes
Yes
-law (64 kbit/s), A-law (64 kbit/s), G.726 ADPCM
(32 kbit/s), G.722 ADPCM (64 kbit/s), Linear (128 kbit/s)
Call transfer
Yes
Yes
Transfer call between PPs on FP
Page call
Yes
Yes
FP pages all PPs (PP locator)
Protocol
Manual registration
Yes
Yes
Wire registration
Yes
Yes
See document reference [7]
Number of CVM PP registrations
per FP
-
Yes
1 to 6 for SF01
1 to 64 for SF02 (Note 10)
Number of ULE PP registrations
per FP
-
Yes
1 to 180 for SF01
1 to 64 for SF02 (Note 10)
Audio and tone
Microphone mute
Yes
Yes
Tone generation
Yes
No
Melody generator with 7 polyphonic tones
Audio Volume control
Yes
Yes
Tone Volume control
Yes
No
Headset support
Yes
Yes
Handsfree/Speakerphone
Yes
No
General
Real time clock
Yes
Yes
Accuracy depending directly on crystal
Real time clock synchronization
Yes
Yes
All PP clocks are kept in synchronization with the FP
SW EEPROM (VES) Storage
Yes
Yes
Internal on module
Battery Charge Management
Yes
No
PSTN line interface support
-
No
PSTN software on request
I/O port support
Yes
Yes
Port Interrupt support
No
No
Automatic headset detection
Yes
No
Low speed data
Yes
Yes
1.6 kbit/s
LU10 data channel
Yes
Yes
54 kbit/s (Note 11)
CAT-iq up to version 2.0, 3.0
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com